Electronic Components Datasheet Search
  English  ▼

X  

80C52 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 80C52
Description  80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C52 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 80C52 Datasheet HTML 7Page - NXP Semiconductors 80C52 Datasheet HTML 8Page - NXP Semiconductors 80C52 Datasheet HTML 9Page - NXP Semiconductors 80C52 Datasheet HTML 10Page - NXP Semiconductors 80C52 Datasheet HTML 11Page - NXP Semiconductors 80C52 Datasheet HTML 12Page - NXP Semiconductors 80C52 Datasheet HTML 13Page - NXP Semiconductors 80C52 Datasheet HTML 14Page - NXP Semiconductors 80C52 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
Philips Semiconductors
Product data
P80C3xX2; P80C5xX2;
P87C5xX2
80C51 8-bit microcontroller family
4K/8K/16K/32K ROM/OTP, low voltage (2.7 to 5.5 V),
low power, high speed (30/33 MHz)
2003 Jan 24
11
PIN NUMBER
MNEMONIC
NAME AND FUNCTION
TYPE
TSSOP
LQFP
PLCC
DIP
PSEN
29
32
26
18
O
Program Store Enable: The read strobe to external program memory. When the
device is executing code from the external program memory, PSEN is activated
twice each machine cycle, except that two PSEN activations are skipped during
each access to external data memory. PSEN is not activated during fetches from
internal program memory.
EA/VPP
31
35
29
20
I
External Access Enable/Programming Supply Voltage: EA must be externally held low to enable
the device to fetch code from external program memory locations 0000H to
0FFFH/1FFFH/3FFFH/7FFFH. If EA is held high, the device executes from internal program memory
unless the program counter contains an address greater than the on-chip ROM/OTP. This pin also
receives the 12.75 V programming supply voltage (VPP) during EPROM programming. If security bit
1 is programmed, EA will be internally latched on Reset.
XTAL1
19
21
15
8
I
Crystal 1: Input to the inverting oscillator amplifier and input to the internal clock
generator circuits.
XTAL2
18
20
14
7
O
Crystal 2: Output from the inverting oscillator amplifier.
NOTES:
To avoid “latch-up” effect at power-on, the voltage on any pin at any time must not be higher than VCC + 0.5 V or VSS – 0.5 V, respectively.
1. Absent in the TSSOP38 package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com