Electronic Components Datasheet Search
  English  ▼

X  

80C52 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # 80C52
Description  80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C52 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button 80C52 Datasheet HTML 23Page - NXP Semiconductors 80C52 Datasheet HTML 24Page - NXP Semiconductors 80C52 Datasheet HTML 25Page - NXP Semiconductors 80C52 Datasheet HTML 26Page - NXP Semiconductors 80C52 Datasheet HTML 27Page - NXP Semiconductors 80C52 Datasheet HTML 28Page - NXP Semiconductors 80C52 Datasheet HTML 29Page - NXP Semiconductors 80C52 Datasheet HTML 30Page - NXP Semiconductors 80C52 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 62 page
background image
Philips Semiconductors
Product data
P80C3xX2; P80C5xX2;
P87C5xX2
80C51 8-bit microcontroller family
4K/8K/16K/32K ROM/OTP, low voltage (2.7 to 5.5 V),
low power, high speed (30/33 MHz)
2003 Jan 24
27
80C51 Internal Bus
SBUF
Zero Detector
D
Q
S
CL
Write
to
SBUF
TX Control
TX Clock
Send
Data
Start
RX Control
Start
RX Clock RI
T1
Serial
Port
Interrupt
Input Shift Register
(9 Bits)
Load
SBUF
Shift
SBUF
Read
SBUF
80C51 Internal Bus
TxD
TB8
÷ 16
1-to-0
Transition
Detector
Sample
÷ 2
Timer 1
Overflow
SMOD = 1
SMOD = 0
Shift
Bit Detector
Transmit
Send
S1P1
Shift
TX
Clock
Write to SBUF
Start Bit
TxD
Stop Bit
D0
D1
D2
D3
D4
D5
D6
D7
TI
RxD
RX
Clock
÷ 16 Reset
Start
Bit
RxD
Stop Bit
D0
D1
D2
D3
D4
D5
D6
D7
Bit Detector
Sample Times
Shift
RI
Receive
Data
÷ 16
Load
SBUF
Shift
1FFH
SU00540
Figure 15. Serial Port Mode 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com