Electronic Components Datasheet Search
  English  ▼

X  

80C52 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # 80C52
Description  80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C52 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button 80C52 Datasheet HTML 36Page - NXP Semiconductors 80C52 Datasheet HTML 37Page - NXP Semiconductors 80C52 Datasheet HTML 38Page - NXP Semiconductors 80C52 Datasheet HTML 39Page - NXP Semiconductors 80C52 Datasheet HTML 40Page - NXP Semiconductors 80C52 Datasheet HTML 41Page - NXP Semiconductors 80C52 Datasheet HTML 42Page - NXP Semiconductors 80C52 Datasheet HTML 43Page - NXP Semiconductors 80C52 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 62 page
background image
Philips Semiconductors
Product data
P80C3xX2; P80C5xX2;
P87C5xX2
80C51 8-bit microcontroller family
4K/8K/16K/32K ROM/OTP, low voltage (2.7 to 5.5 V),
low power, high speed (30/33 MHz)
2003 Jan 24
40
AC ELECTRICAL CHARACTERISTICS (12-CLOCK MODE, 5 V
±10% OPERATION)
Tamb = 0 °C to +70 °C or –40 °C to +85 °C ; VCC = 5 V ±10%, VSS = 0 V1,2,3,4
Symbol
Figure
Parameter
Limits
16 MHz Clock
Unit
MIN
MAX
MIN
MAX
1/tCLCL
31
Oscillator frequency
0
33
–
–
MHz
tLHLL
27
ALE pulse width
2 tCLCL–8
–
117
–
ns
tAVLL
27
Address valid to ALE low
tCLCL –13
–
49.5
–
ns
tLLAX
27
Address hold after ALE low
tCLCL –20
–
42.5
–
ns
tLLIV
27
ALE low to valid instruction in
–
4 tCLCL –35
–
215
ns
tLLPL
27
ALE low to PSEN low
tCLCL –10
–
52.5
–
ns
tPLPH
27
PSEN pulse width
3 tCLCL –10
–
177.5
–
ns
tPLIV
27
PSEN low to valid instruction in
–
3 tCLCL –35
–
152.5
ns
tPXIX
27
Input instruction hold after PSEN
0
–
0
–
ns
tPXIZ
27
Input instruction float after PSEN
–
tCLCL –10
–
52.5
ns
tAVIV
27
Address to valid instruction in
–
5 tCLCL –35
–
277.5
ns
tPLAZ
27
PSEN low to address float
–
10
–
10
ns
Data Memory
tRLRH
28
RD pulse width
6 tCLCL –20
–
355
–
ns
tWLWH
29
WR pulse width
6 tCLCL –20
–
355
–
ns
tRLDV
28
RD low to valid data in
–
5 tCLCL –35
–
277.5
ns
tRHDX
28
Data hold after RD
0
–
0
–
ns
tRHDZ
28
Data float after RD
–
2 tCLCL –10
–
115
ns
tLLDV
28
ALE low to valid data in
–
8 tCLCL –35
–
465
ns
tAVDV
28
Address to valid data in
–
9 tCLCL –35
–
527.5
ns
tLLWL
28, 29
ALE low to RD or WR low
3 tCLCL –15
3 tCLCL +15
172.5
202.5
ns
tAVWL
28, 29
Address valid to WR low or RD low
4 tCLCL –15
–
235
–
ns
tQVWX
29
Data valid to WR transition
tCLCL –25
–
37.5
–
ns
tWHQX
29
Data hold after WR
tCLCL –15
–
47.5
–
ns
tQVWH
29
Data valid to WR high
7 tCLCL –5
–
432.5
–
ns
tRLAZ
28
RD low to address float
–
0
–
0
ns
tWHLH
28, 29
RD or WR high to ALE high
tCLCL –10
tCLCL +10
52.5
72.5
ns
External Clock
tCHCX
31
High time
0.32 tCLCL
tCLCL – tCLCX
–
–
ns
tCLCX
31
Low time
0.32 tCLCL
tCLCL – tCHCX
–
–
ns
tCLCH
31
Rise time
–
5
–
–
ns
tCHCL
31
Fall time
–
5
–
–
ns
Shift register
tXLXL
30
Serial port clock cycle time
12 tCLCL
–
750
–
ns
tQVXH
30
Output data setup to clock rising edge
10 tCLCL –25
–
600
–
ns
tXHQX
30
Output data hold after clock rising edge
2 tCLCL –15
–
110
–
ns
tXHDX
30
Input data hold after clock rising edge
0
–
0
–
ns
tXHDV
30
Clock rising edge to input data valid
–
10 tCLCL –133
–
492
ns
NOTES:
1. Parameters are valid over operating temperature range unless otherwise specified.
2. Load capacitance for port 0, ALE, and PSEN = 100 pF, load capacitance for all outputs = 80 pF
3. Interfacing the microcontroller to devices with float time up to 45 ns is permitted. This limited bus contention will not cause damage to port 0
drivers.
4. Parts are guaranteed by design to operate down to 0 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com