Electronic Components Datasheet Search
  English  ▼

X  

80C52 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # 80C52
Description  80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C52 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button 80C52 Datasheet HTML 48Page - NXP Semiconductors 80C52 Datasheet HTML 49Page - NXP Semiconductors 80C52 Datasheet HTML 50Page - NXP Semiconductors 80C52 Datasheet HTML 51Page - NXP Semiconductors 80C52 Datasheet HTML 52Page - NXP Semiconductors 80C52 Datasheet HTML 53Page - NXP Semiconductors 80C52 Datasheet HTML 54Page - NXP Semiconductors 80C52 Datasheet HTML 55Page - NXP Semiconductors 80C52 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 62 page
background image
Philips Semiconductors
Product data
P80C3xX2; P80C5xX2;
P87C5xX2
80C51 8-bit microcontroller family
4K/8K/16K/32K ROM/OTP, low voltage (2.7 to 5.5 V),
low power, high speed (30/33 MHz)
2003 Jan 24
52
PROGRAMMING AND VERIFICATION CHARACTERISTICS
Tamb = 21 °C to +27 °C, VCC = 5 V±10%, VSS = 0 V (See Figure 43)
SYMBOL
PARAMETER
MIN
MAX
UNIT
VPP
Programming supply voltage
12.5
13.0
V
IPP
Programming supply current
50 1
mA
1/tCLCL
Oscillator frequency
4
6
MHz
tAVGL
Address setup to PROG low
48tCLCL
tGHAX
Address hold after PROG
48tCLCL
tDVGL
Data setup to PROG low
48tCLCL
tGHDX
Data hold after PROG
48tCLCL
tEHSH
P2.7 (ENABLE) high to VPP
48tCLCL
tSHGL
VPP setup to PROG low
10
µs
tGHSL
VPP hold after PROG
10
µs
tGLGH
PROG width
90
110
µs
tAVQV
Address to data valid
48tCLCL
tELQZ
ENABLE low to data valid
48tCLCL
tEHQZ
Data float after ENABLE
0
48tCLCL
tGHGL
PROG high to PROG low
10
µs
NOTE:
1. Not tested.
PROGRAMMING
*
VERIFICATION
*
ADDRESS
ADDRESS
DATA IN
DATA OUT
LOGIC 1
LOGIC 1
LOGIC 0
tAVQV
tEHQZ
tELQV
tSHGL
tGHSL
tGLGH
tGHGL
tAVGL
tGHAX
tDVGL
tGHDX
P1.0–P1.7
P2.0–P2.5
P3.4
(A0 – A12)
PORT 0
P0.0 – P0.7
(D0 – D7)
ALE/PROG
EA/VPP
P2.7
**
SU01414
tEHSH
NOTES:
*
FOR PROGRAMMING CONFIGURATION SEE FIGURE 40.
FOR VERIFICATION CONDITIONS SEE FIGURE 42.
**
SEE TABLE 9.
Figure 43. Programming and Verification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com