Electronic Components Datasheet Search
  English  ▼

X  

80C52 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 80C52
Description  80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C52 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 80C52 Datasheet HTML 6Page - NXP Semiconductors 80C52 Datasheet HTML 7Page - NXP Semiconductors 80C52 Datasheet HTML 8Page - NXP Semiconductors 80C52 Datasheet HTML 9Page - NXP Semiconductors 80C52 Datasheet HTML 10Page - NXP Semiconductors 80C52 Datasheet HTML 11Page - NXP Semiconductors 80C52 Datasheet HTML 12Page - NXP Semiconductors 80C52 Datasheet HTML 13Page - NXP Semiconductors 80C52 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
Philips Semiconductors
Product data
P80C3xX2; P80C5xX2;
P87C5xX2
80C51 8-bit microcontroller family
4K/8K/16K/32K ROM/OTP, low voltage (2.7 to 5.5 V),
low power, high speed (30/33 MHz)
2003 Jan 24
10
PIN DESCRIPTIONS
PIN NUMBER
MNEMONIC
DIP
PLCC
LQFP
TSSOP
TYPE
NAME AND FUNCTION
VSS
20
22
16
9
I
Ground: 0 V reference.
VCC
40
44
38
29
I
Power Supply: This is the power supply voltage for normal, idle, and power-down
operation.
P0.0-0.7
39–32
43–36
37–30
28–21
I/O
Port 0: Port 0 is an open-drain, bidirectional I/O port. Port 0 pins that have 1s
written to them float and can be used as high-impedance inputs. Port 0 is also the
multiplexed low-order address and data bus during accesses to external program
and data memory. In this application, it uses strong internal pull-ups when emitting
1s. Port 0 also outputs the code bytes during program verification and received
code bytes during EPROM programming. External pull-ups are required during
program verification.
P1.0–P1.7
1–8
2–9
40–44,
1–3
30–37
I/O
Port 1: Port 1 is an 8-bit bidirectional I/O port with internal pull-ups. Port 1 pins that
have 1s written to them are pulled high by the internal pull-ups and can be used as
inputs. As inputs, port 1 pins that are externally pulled low will source current
because of the internal pull-ups. (See DC Electrical Characteristics: IIL). Port 1 also
receives the low-order address byte during program memory verification. Alternate
functions for Port 1 include:
1
2
40
30
I/O
T2 (P1.0): Timer/Counter 2 external count input/clockout (see Programmable
Clock-Out)
2
3
41
31
I
T2EX (P1.1): Timer/Counter 2 Reload/Capture/Direction control
P2.0–P2.7
21–28
24–31
18–25
10–17
I/O
Port 2: Port 2 is an 8-bit bidirectional I/O port with internal pull-ups. Port 2 pins that
have 1s written to them are pulled high by the internal pull-ups and can be used as
inputs. As inputs, port 2 pins that are externally being pulled low will source current
because of the internal pull-ups. (See DC Electrical Characteristics: IIL). Port 2
emits the high-order address byte during fetches from external program memory
and during accesses to external data memory that use 16-bit addresses (MOVX
@DPTR). In this application, it uses strong internal pull-ups when emitting 1s.
During accesses to external data memory that use 8-bit addresses (MOV @Ri), port
2 emits the contents of the P2 special function register. Some Port 2 pins receive
the high order address bits during EPROM programming and verification.
P3.0–P3.7
10–17
11,
13–19
5,
7–13
1–6
I/O
Port 3: Port 3 is an 8-bit bidirectional I/O port with internal pull-ups. Port 3 pins that
have 1s written to them are pulled high by the internal pull-ups and can be used as
inputs. As inputs, port 3 pins that are externally being pulled low will source current
because of the pull-ups. (See DC Electrical Characteristics: IIL). Port 3 also serves
the special features of the 80C51 family, as listed below:
10
11
5
1
I
RxD (P3.0): Serial input port
11
13
7
2
O
TxD (P3.1): Serial output port
12
14
8
I
INT0 (P3.2): External interrupt1
13
15
9
3
I
INT1 (P3.3): External interrupt
14
16
10
4
I
T0 (P3.4): Timer 0 external input
15
17
11
I
T1 (P3.5): Timer 1 external input1
16
18
12
5
O
WR (P3.6): External data memory write strobe
17
19
13
6
O
RD (P3.7): External data memory read strobe
RST
9
10
4
38
I
Reset: A high on this pin for two machine cycles while the oscillator is running,
resets the device. An internal diffused resistor to VSS permits a power-on reset
using only an external capacitor to VCC.
ALE/PROG
30
33
27
19
O
Address Latch Enable/Program Pulse: Output pulse for latching the low byte of
the address during an access to external memory. In normal operation, ALE is
emitted at a constant rate of 1/6 (12-clock Mode) or 1/3 (6-clock Mode) the
oscillator frequency, and can be used for external timing or clocking. Note that one
ALE pulse is skipped during each access to external data memory. This pin is also
the program pulse input (PROG) during EPROM programming. ALE can be
disabled by setting SFR auxiliary.0. With this bit set, ALE will be active only during
a MOVX instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com