Electronic Components Datasheet Search
  English  ▼

X  

HC705C9AGRS/D Datasheet(PDF) 22 Page - NXP Semiconductors

Part # HC705C9AGRS/D
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 18Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 19Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 20Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 21Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 22Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 23Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 24Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 25Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 157 page
background image
General Release Specification
Mask Options
MC68HC705C9A — Rev. 2.0
General Description
1.5 Mask Options
The following two mask option registers are used to select features
controlled by mask changes on the MC68HC05C9A and the
MC68HC05C12A:
•
Port B Mask Option Register (PBMOR)
•
C12 Mask Option Register (C12MOR)
The mask option registers are EPROM locations which must be
programmed prior to operation of the microcontroller.
1.5.1 Port B Mask Option Register (PBMOR)
The PBMOR register, shown in Figure 1-2, contains eight
programmable bits which determine whether each port B bit (when in
input mode) has the pullup and interrupt enabled. The port B interrupts
share the vector and edge/edge-level sensitivity with the IRQ pin. For
more details, (see 4.4 External Interrupt (IRQ or Port B)).
PBPU7–PBPU0 — Port B Pullup/Interrupt Enable Bits
1 = Pullup and CPU interrupt enabled
0 = Pullup and CPU interrupt disabled
NOTE:
The current capability of the port B pullup devices is equivalent to the
MC68HC05C9A, which is less than the MC68HC05C12A.
$3FF0
Bit 7
654321
Bit 0
PBPU7
PBPU6
PBPU5
PBPU4
PBPU3
PBPU2
PBPU1
PBPU0
Figure 1-2. Port B Mask Option Register
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com