Electronic Components Datasheet Search
  English  ▼

X  

HC705C9AGRS/D Datasheet(PDF) 44 Page - NXP Semiconductors

Part # HC705C9AGRS/D
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 40Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 41Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 42Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 43Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 44Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 45Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 46Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 47Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 157 page
background image
General Release Specification
CPU Registers
MC68HC705C9A — Rev. 2.0
Central Processing Unit
3.3.5 Condition Code Register (CCR)
The CCR is a 5-bit register in which four bits are used to indicate the
results of the instruction just executed, and the fifth bit indicates whether
interrupts are masked. These bits can be individually tested by a
program, and specific actions can be taken as a result of their state.
Each bit is explained in the following paragraphs.
Half Carry (H)
This bit is set during ADD and ADC operations to indicate that a carry
occurred between bits 3 and 4.
Interrupt (I)
When this bit is set, the timer, SCI, SPI, and external interrupt are
masked (disabled). If an interrupt occurs while this bit is set, the
interrupt is latched and processed as soon as the interrupt bit is
cleared.
Negative (N)
When set, this bit indicates that the result of the last arithmetic, logical,
or data manipulation was negative.
Zero (Z)
When set, this bit indicates that the result of the last arithmetic, logical,
or data manipulation was zero.
Carry/Borrow (C)
When set, this bit indicates that a carry or borrow out of the arithmetic
logical unit (ALU) occurred during the last arithmetic operation. This
bit is also affected during bit test and branch instructions and during
shifts and rotates.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com