Electronic Components Datasheet Search
  English  ▼

X  

HC705C9AGRS/D Datasheet(PDF) 55 Page - NXP Semiconductors

Part # HC705C9AGRS/D
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 51Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 52Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 53Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 54Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 55Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 56Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 57Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 58Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 157 page
background image
General Release Specification
MC68HC05C9A Compatible COP
MC68HC705C9A — Rev. 2.0
Resets
5.6.1 C9A COP Reset Register
This write-only register, shown in Figure 5-4, is used to reset the COP.
The sequence required to reset the COP timer is as follows:
•
Write $55 to the COP reset register
•
Write $AA to the COP reset register
Both write operations must occur in the order listed, but any number of
instructions may be executed between the two write operations provided
that the COP does not time out between the two writes. The elapsed
time between software resets must not be greater than the COP timeout
period. If the COP should time out, a system reset will occur and the
device will be re-initialized in the same fashion as a power-on reset or
reset.
Reading this register does not return valid data.
$001D
Bit 7
6543
2
1
Bit 0
Read:
Write:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset:
00000
0
0
0
= Unimplemented
Figure 5-4. COP Reset Register (COPRST)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com