Electronic Components Datasheet Search
  English  ▼

X  

HC705C9AGRS/D Datasheet(PDF) 30 Page - NXP Semiconductors

Part # HC705C9AGRS/D
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 26Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 27Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 28Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 29Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 30Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 31Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 32Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 33Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 157 page
background image
General Release Specification
Functional Pin Descriptions
MC68HC705C9A — Rev. 2.0
General Description
trigger as part of its input to improve noise immunity. Refer to Section 4.
Interrupts for more detail.
1.7.4 OSC1 andOSC2
These pins provide control input for an on-chip clock oscillator circuit. A
crystal connected to these pins provides a system clock. The internal
frequency is one-half the crystal frequency.
1.7.5 RESET
As an input pin, this active low RESET pin is used to reset the MCU to a
known startup state by pulling RESET low. As an output pin, when in
MC68HC05C9A mode only, the RESET pin indicates that an internal
MCU reset has occurred. The RESET pin contains an internal Schmitt
trigger as part of its input to improve noise immunity. Refer to Section 5.
Resets for more detail.
1.7.6 TCAP
This pin controls the input capture feature for the on-chip programmable
timer. The TCAP pin contains an internal Schmitt trigger as part of its
input to improve noise immunity. Refer to Section 8. Capture/Compare
Timer for more detail.
1.7.7 TCMP
The TCMP pin provides an output for the output compare feature of the
on-chip programmable timer. Refer to Section 8. Capture/Compare
Timer for more detail.
1.7.8 PA0–PA7
These eight I/O lines comprise port A. The state of each pin is software
programmable and all port A pins are configured as inputs during reset.
Refer to Section 7. Input/Output Ports for more detail.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com