Electronic Components Datasheet Search
  English  ▼

X  

HC705C9AGRS/D Datasheet(PDF) 33 Page - NXP Semiconductors

Part # HC705C9AGRS/D
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 29Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 30Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 31Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 32Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 33Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 34Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 35Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 36Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 157 page
background image
MC68HC705C9A — Rev. 2.0
Memory
General Release Specification — MC68HC705C9A
Section 2. Memory
2.1 Contents
2.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .33
2.3
RAM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .34
2.4
EPROM. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .37
2.5
EPROM Security. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .37
2.6
ROM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .37
2.7
I/O Registers. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .37
2.2 Introduction
The MCU has a 16-Kbyte memory map when configured as either an
MC68HC05C9A or an MC68HC05C12A. The memory map consists of
registers (I/O, control and status), user RAM, user EPROM, bootloader
ROM, and reset and interrupt vectors as shown in Figure 2-1 and
Figure 2-2.
When configured as an MC68HC05C9A, two control bits in the option
register ($3FDF) allow the user to switch between RAM and EPROM at
any time in two special areas of the memory map, $0020-$004F (48
bytes) and $0100-$017F (128 bytes). When configured as an
MC68HC05C12A, the section of the memory map from $0020 to $004F
is fixed as EPROM and the section from $0100 to $0FFF becomes
unused.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com