Electronic Components Datasheet Search
  English  ▼

X  

HC705C9AGRS/D Datasheet(PDF) 54 Page - NXP Semiconductors

Part # HC705C9AGRS/D
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 50Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 51Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 52Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 53Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 54Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 55Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 56Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 57Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 157 page
background image
General Release Specification
Computer Operating Properly (COP) Reset
MC68HC705C9A — Rev. 2.0
Resets
5.5 Computer Operating Properly (COP) Reset
This device includes a watchdog COP feature which guards against
program run-away failures. A timeout of the computer operating properly
(COP) timer generates a COP reset. The COP watchdog is a software
error detection system that automatically times out and resets the MCU
if not cleared periodically by a program sequence.
This device includes two COP types, one for C12A compatibility and the
other for C9A compatibility. When configured as a C9A the COP can be
enabled by user software by setting COPE in the C9A COP control
register (C9ACOPCR). When configured as a C12A, the COP is enabled
prior to operation by programming the C12COPE bit in the C12A mask
option register (C12MOR). The function and control of both COPs is
detailed below.
5.6 MC68HC05C9A Compatible COP
This COP is controlled with two registers; one to reset the COP timer and
the other to enable and control COP and clock monitor functions. Figure
5-3 shows a block diagram of the MC68HC05C9A COP.
Figure 5-3. C9A COP Block Diagram
÷2 ÷2 ÷2 ÷2 ÷2 ÷2 ÷2 ÷2
÷2 ÷2 ÷2 ÷2 ÷2 ÷2 ÷2 ÷2
÷4
÷4
÷2
÷2
÷2
÷2
÷2
÷2
213
215
217
219
221
COPRST
CM0
CM1
16 BIT TIMER SYSTEM
INTERNAL
CPU
CLOCK
COP
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com