Electronic Components Datasheet Search
  English  ▼

X  

HC705C9AGRS/D Datasheet(PDF) 43 Page - NXP Semiconductors

Part # HC705C9AGRS/D
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 39Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 40Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 41Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 42Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 43Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 44Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 45Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 46Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 157 page
background image
General Release Specification
CPU Registers
MC68HC705C9A — Rev. 2.0
Central Processing Unit
3.3.1 Accumulator (A)
The accumulator is a general-purpose 8-bit register used to hold
operands and results of arithmetic calculations or data manipulations.
3.3.2 Index Register (X)
The index register is an 8-bit register used for the indexed addressing
value to create an effective address. The index register may also be
used as a temporary storage area.
3.3.3 Program Counter (PC)
The program counter is a 16-bit register that contains the address of the
next byte to be fetched.
3.3.4 Stack Pointer (SP)
The stack pointer contains the address of the next free location on the
stack. During an MCU reset or the reset stack pointer (RSP) instruction,
the stack pointer is set to location $0FF. The stack pointer is then
decremented as data is pushed onto the stack and incremented as data
is pulled from the stack.
When accessing memory, the eight most significant bits are permanently
set to 00000011. These eight bits are appended to the six least
significant register bits to produce an address within the range of $00FF
to $00C0. Subroutines and interrupts may use up to 64 (decimal)
locations. If 64 locations are exceeded, the stack pointer wraps around
and loses the previously stored information. A subroutine call occupies
two locations on the stack; an interrupt uses five locations.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com