Electronic Components Datasheet Search
  English  ▼

X  

HC705C9AGRS/D Datasheet(PDF) 95 Page - NXP Semiconductors

Part # HC705C9AGRS/D
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Datasheet(HTML) 95 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 91Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 92Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 93Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 94Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 95Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 96Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 97Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 98Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 157 page
background image
General Release Specification
SCI I/O Registers
MC68HC705C9A — Rev. 2.0
Serial Communications Interface (SCI)
the SCDR. Reset sets the TC bit. Software must initialize the TC bit
to logic zero to avoid an instant interrupt request when turning the
transmitter on.
1 = No transmission in progress
0 = Transmission in progress
RDRF — Receive Data Register Full
This clearable, read-only flag is set when the data in the receive shift
register transfers to the SCI data register. RDRF generates an
interrupt request if the RIE bit in the SCCR2 is also set. Clear the
RDRF bit by reading the SCSR with RDRF set and then reading the
SCDR.
1 = Received data available in SCDR
0 = Received data not available in SCDR
IDLE — Receiver Idle
This clearable, read-only flag is set when 10 or 11 consecutive logic
ones appear on the receiver input. IDLE generates an interrupt
request if the ILIE bit in the SCCR2 is also set. Clear the ILIE bit by
reading the SCSR with IDLE set and then reading the SCDR.
1 = Receiver input idle
0 = Receiver input not idle
OR — Receiver Overrun
This clearable, read-only flag is set if the SCDR is not read before the
receive shift register receives the next word. OR generates an
interrupt request if the RIE bit in the SCCR2 is also set. The data in
the shift register is lost, but the data already in the SCDR is not
affected. Clear the OR bit by reading the SCSR with OR set and then
reading the SCDR.
1 = Receive shift register full and RDRF = 1
0 = No receiver overrun
NF — Receiver Noise Flag
This clearable, read-only flag is set when noise is detected in data
received in the SCI data register. Clear the NF bit by reading the
SCSR and then reading the SCDR.
1 = Noise detected in SCDR
0 = No noise detected in SCDR
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com