Electronic Components Datasheet Search
  English  ▼

X  

HC705C9AGRS/D Datasheet(PDF) 37 Page - NXP Semiconductors

Part # HC705C9AGRS/D
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 33Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 34Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 35Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 36Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 37Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 38Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 39Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 40Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 157 page
background image
General Release Specification
EPROM
MC68HC705C9A — Rev. 2.0
Memory
2.4 EPROM
When configured as a C12A the main user EPROM consists of 48 bytes
of page zero EPROM from $0020 to $004F, 12,032 bytes of EPROM
from $1000 to $3EFF, and 14 bytes of user vectors from $3FF4 to
$3FFF. When configured as a C9A, an additional 3,840 bytes of user
EPROM from $0100 to $0FFF are enabled.
Locations $3FF0 and $3FF1 are the mask option registers (MOR) (see
1.5 Mask Options).
For detailed information on programming the EPROM see Appendix A.
EPROM Programming.
2.5 EPROM Security
A security feature has been incorporated into the MC68HC705C9A to
help prevent external access to the contents of the EPROM in any mode
of operation. Once enabled, this feature can be disabled only by
completely erasing the EPROM.
NOTE:
For OTP (plastic) packages, once the security feature has been enabled,
it cannot be disabled.
2.6 ROM
The bootloader ROM occupies 239 bytes in the memory space from
$3F00 to $3FEF. The bootloader mode provides for self-programming of
the EPROM array. See Appendix A. EPROM Programming.
2.7 I/O Registers
Except for the option register, mask option registers, and the C12 COP
clear register, all I/O, control and status registers are located within one
32-byte block in page zero of the address space ($0000–$001F). A
summary of these registers is shown in Figure 2-3. More detail about the
contents of these registers is given in two diagrams, each showing a
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com