Electronic Components Datasheet Search
  English  ▼

X  

HC705C9AGRS/D Datasheet(PDF) 61 Page - NXP Semiconductors

Part # HC705C9AGRS/D
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 57Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 58Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 59Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 60Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 61Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 62Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 63Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 64Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 157 page
background image
MC68HC705C9A — Rev. 2.0
Low-Power Modes
General Release Specification — MC68HC705C9A
Section 6. Low-Power Modes
6.1 Contents
6.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .61
6.3
Stop Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .61
6.4
Wait Mode. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .62
6.2 Introduction
This section describes the low-power modes.
6.3 Stop Mode
The STOP instruction places the MCU in its lowest-power consumption
mode. In stop mode, the internal oscillator is turned off, halting all
internal processing, including timer operation.
During the stop mode, the TCR bits are altered to remove any pending
timer interrupt request and to disable any further timer interrupts. The
timer prescaler is cleared. The I bit in the CCR is cleared to enable
external interrupts. All other registers and memory remain unaltered. All
input/output lines remain unchanged. The processor can be brought out
of the stop mode only by an external interrupt or reset. See Figure 6-1.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com