Electronic Components Datasheet Search
  English  ▼

X  

HC705C9AGRS/D Datasheet(PDF) 51 Page - NXP Semiconductors

Part # HC705C9AGRS/D
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 47Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 48Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 49Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 50Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 51Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 52Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 53Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 54Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 157 page
background image
MC68HC705C9A — Rev. 2.0
Resets
General Release Specification — MC68HC705C9A
Section 5. Resets
5.1 Contents
5.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .51
5.3
Power-On Reset (POR) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .52
5.4
RESET Pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .52
5.5
Computer Operating Properly (COP) Reset . . . . . . . . . . . . . . .54
5.6
MC68HC05C9A Compatible COP . . . . . . . . . . . . . . . . . . . . . .54
5.6.1
C9A COP Reset Register . . . . . . . . . . . . . . . . . . . . . . . . . .55
5.6.2
C9A COP Control Register . . . . . . . . . . . . . . . . . . . . . . . . .56
5.7
MC68HC05C12A Compatible COP . . . . . . . . . . . . . . . . . . . . .58
5.8
MC68HC05C12A Compatible COP Clear Register . . . . . . . . .58
5.9
COP During Wait Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .58
5.10
COP During Stop Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .59
5.10.1
Clock Monitor Reset . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .59
5.10.2
STOP Instruction Disable Option . . . . . . . . . . . . . . . . . . . .59
5.2 Introduction
The MCU can be reset four ways: by the initial power-on reset function,
by an active low input to the RESET pin, by the COP, or by the clock
monitor. A reset immediately stops the operation of the instruction being
executed, initializes some control bits, and loads the program counter
with a user-defined reset vector address. Figure 5-1 is a block diagram
of the reset sources.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com