Electronic Components Datasheet Search
  English  ▼

X  

ISL70219ASEHF/PROTO Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL70219ASEHF/PROTO
Description  40V Radiation Hardened and SET Enhanced, Precision Low-Power Operational Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70219ASEHF/PROTO Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL70219ASEHF/PROTO Datasheet HTML 1Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
ISL70219ASEH
FN8459 Rev. 2.00
Page 3 of 25
Jun 11, 2018
Ordering Information
ORDERING/SMD NUMBER
(Note 2)PART NUMBER (Note 1)
TEMP RANGE
(°C)
PACKAGE
(RoHS COMPLIANT)
PKG.
DWG. #
5962F1422602VYC
ISL70219ASEHVF
-55 to +125
10 Ld Flatpack
K10.A
5962F1422602V9A
ISL70219ASEHVX
-55 to +125
Die
N/A
ISL70219ASEHF/PROTO (Note 3)
-55 to +125
10 Ld Flatpack
K10.A
N/A
ISL70219ASEHVX/SAMPLE (Note 3)
-55 to +125
Die
N/A
ISL70219ASEHEV1Z (Note 4)
Evaluation Board
NOTES:
1. These Pb-free Hermetic packaged products employ 100% Au plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb
and Pb-free soldering operations.
2. Specifications for Rad Hard QML devices are controlled by the Defense Logistics Agency Land and Maritime (DLA). The SMD numbers listed must be
used when ordering.
3. The /PROTO and /SAMPLE are not rated or certified for Total Ionizing Dose (TID) or Single Event Effect (SEE) immunity. These parts are intended for
engineering evaluation purposes only. The /PROTO parts meet the electrical limits and conditions across the temperature range specified in the DLA
SMD and are in the same form and fit as the qualified device. The /SAMPLE die is capable of meeting the electrical limits and conditions specified
in the DLA SMD at +25°C only. The /SAMPLE is a die and does not receive 100% screening across the temperature range to the DLA SMD electrical
limits. These part types do not come with a certificate of conformance because there is no radiation assurance testing and they are not DLA qualified
devices.
4. Evaluation board uses the /PROTO parts. The /PROTO parts are not rated or certified for Total Ionizing Dose (TID) or Single Event Effect (SEE) immunity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com