Electronic Components Datasheet Search
  English  ▼

X  

ISL70219ASEHF/PROTO Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # ISL70219ASEHF/PROTO
Description  40V Radiation Hardened and SET Enhanced, Precision Low-Power Operational Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70219ASEHF/PROTO Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button ISL70219ASEHF/PROTO Datasheet HTML 14Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 15Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 16Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 17Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 18Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 19Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 20Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 21Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
ISL70219ASEH
FN8459 Rev. 2.00
Page 18 of 25
Jun 11, 2018
Post High Dose Rate Radiation Characteristics Unless otherwise specified, V
S ± 19.8V,
VCM =0, VO = 0V, TA = +25°C. This data is typical mean test data post radiation exposure at a high dose rate of 50rad(Si)/s to 300rad(Si)/s. This data is
intended to show typical parameter shifts due to high dose rate radiation. These are not limits nor are they guaranteed.
FIGURE 55. SUPPLY CURRENT SHIFT vs HDR RADIATION
FIGURE 56. OFFSET VOLTAGE SHIFT vs HDR RADIATION
FIGURE 57. POSITIVE INPUT BIAS CURRENT SHIFT vs HDR RADIATION
FIGURE 58. NEGATIVE INPUT BIAS CURRENT SHIFT vs HDR RADIATION
FIGURE 59. INPUT OFFSET CURRENT SHIFT vs HDR RADIATION
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
0
50
100
150
200
250
300
BIAS
GND
krad(Si)
-3
-2
-1
0
1
2
3
4
5
6
0
50
100
150
200
250
300
krad(Si)
BIAS
GND
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0
50
100
150
200
250
300
krad(Si)
BIAS
GND
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0
50
100
150
200
250
300
krad(Si)
BIAS
GND
-0.10
-0.08
-0.06
-0.04
-0.02
0.00
0.02
0.04
0.06
0.08
0.10
0
50
100
150
200
250
300
GND
BIAS
krad(Si)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com