Electronic Components Datasheet Search
  English  ▼

X  

ISL70219ASEHF/PROTO Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # ISL70219ASEHF/PROTO
Description  40V Radiation Hardened and SET Enhanced, Precision Low-Power Operational Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70219ASEHF/PROTO Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button ISL70219ASEHF/PROTO Datasheet HTML 17Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 18Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 19Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 20Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 21Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 22Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 23Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 24Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 25Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
ISL70219ASEH
FN8459 Rev. 2.00
Page 22 of 25
Jun 11, 2018
Die Characteristics
Die Dimensions
2406µm x 2935µm (95 mils x 116 mils)
Thickness: 483µm ± 25µm (19 mils ±1 mil)
Interface Materials
GLASSIVATION
Type: Silicon Nitride/Silicon Dioxide Sandwich
Thickness: 15kÅ
TOP METALLIZATION
Type: AlCu (99.5%/0.5%)
Thickness: 30kÅ
BACKSIDE FINISH
Silicon
PROCESS
PR40 (DI)
Assembly Related Information
SUBSTRATE POTENTIAL
Floating
Additional Information
WORST CASE CURRENT DENSITY
< 2 x 105 A/cm2
TRANSISTOR COUNT
466
Weight of Packaged Device
0.3958 grams (typical)
Lid Characteristics
Finish: Gold
Potential: Unbiased, tied to package Pin 6
Case Isolation to Any Lead: 20 x 109Ω (minimum)
Metallization Mask Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com