Electronic Components Datasheet Search
  English  ▼

X  

ISL70219ASEHF/PROTO Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL70219ASEHF/PROTO
Description  40V Radiation Hardened and SET Enhanced, Precision Low-Power Operational Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70219ASEHF/PROTO Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL70219ASEHF/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 10Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 11Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
ISL70219ASEH
FN8459 Rev. 2.00
Page 8 of 25
Jun 11, 2018
Output Voltage High
VOH
RL = 10kΩ to ground
0.80
1.03
-
V
0.5
--
V
RL = 2kΩ to ground
0.75
0.98
-
V
0.45
--
V
Output Voltage High
VOL
RL = 10kΩ to ground
-
-1.03
-0.80
V
-
-0.5
V
RL = 2kΩ to ground
-
-0.98
-0.75
V
--
-0.45
V
NOTES:
8. Compliance to datasheet limits is assured by one or more methods: production test, characterization, and/or design.
9. Guaranteed by characterization, not tested.
Electrical Specifications ±2.25V V
S = ±2.25V, VCM = VO = 0V, RL = Open, TA= +25°C, unless otherwise noted. Boldface limits apply
across the operating temperature range, -55°C to +125°C; over a total ionizing dose of 300krad(Si) with exposure at a high dose rate of 50rad(Si)/s to
300rad(Si)/s or over a total ionizing dose of 50krad(Si) with exposure at a low dose rate of <10mrad(Si)/s, unless otherwise noted. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 8)TYP
MAX
(Note 8)UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com