Electronic Components Datasheet Search
  English  ▼

X  

ISL70219ASEHF/PROTO Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL70219ASEHF/PROTO
Description  40V Radiation Hardened and SET Enhanced, Precision Low-Power Operational Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70219ASEHF/PROTO Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL70219ASEHF/PROTO Datasheet HTML 1Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
ISL70219ASEH
FN8459 Rev. 2.00
Page 5 of 25
Jun 11, 2018
Output Voltage Low
VOL
RL = 10kΩ to ground
-
-16.7
-16.5
V
--
-16.2
V
RL = 2kΩ to ground
-
-16.5
-16.3
V
--
-16.0
V
Supply Current/Amplifier
IS
-
0.490
0.725
mA
--
0.85
mA
Output Short-Circuit Current
ISC
Sourcing: VIN = 0V, VOUT = -16V
(Note 9)
-41-
mA
Sinking: VIN = 0V, VOUT = +16V
(Note 9)
-
-42
-
mA
Supply Voltage Range
VSUPPLY
Guaranteed by PSRR
±2.25
-
±20
V
AC SPECIFICATIONS
Gain Bandwidth Product
GBWP
AV = 1k, RL = 2kΩ (Note 9)-
1.5
-
MHz
Voltage Noise VP-P
enVp-p
0.1Hz to 10Hz (Note 9)
-
0.25
-
µVP-P
Voltage Noise Density
en
f = 10Hz (Note 9)-
10
-
nV/√Hz
Voltage Noise Density
en
f = 100Hz (Note 9)
-
8.2
-
nV/√Hz
Voltage Noise Density
en
f = 1kHz (Note 9)
-
8
-
nV/√Hz
Voltage Noise Density
en
f = 10kHz (Note 9)-
8
-
nV/√Hz
Current Noise Density
in
f = 1kHz (Note 9)
-
0.1
-
pA/√Hz
TRANSIENT RESPONSE
Slew Rate, VOUT 20% to 80%
SR
AV = 1, RL = 2kΩVO = 4VP-P
0.3
0.5
-
V/µs
0.2
--
V/µs
Rise Time
10% to 90% of VOUT
tr, tf,
Small Signal
AV = 1, VOUT = 50mVP-P,
RL = 10kΩto VCM
-
130
450
ns
--
625
ns
Fall Time
90% to 10% of VOUT
AV = 1, VOUT = 50mVP-P, RL = 10kΩ
to VCM
-
130
600
ns
--
700
ns
Settling Time to 0.1%
10V Step; 10% to VOUT
ts
AV = -1, VOUT = 10VP-P, RL = 5kΩ to
VCM (Note 9)
-21
-
µs
Settling Time to 0.01%
10V Step; 10% to VOUT
AV = -1, VOUT = 10VP-P, RL = 5kΩ to
VCM (Note 9)
-24-
µs
Settling Time to 0.1%
4V Step; 10% to VOUT
AV = -1, VOUT = 4VP-P, RL = 5kΩ to
VCM (Note 9)
-13
-
µs
Settling Time to 0.01%
4V Step; 10% to VOUT
AV = -1, VOUT = 4VP-P, RL = 5kΩ to
VCM (Note 9)
-18-
µs
Output Positive Overload Recovery
Time
tOL
AV = -100, VIN = 0.2VP-P, RL = 2kΩ to
VCM (Note 9)
-5.6
-
µs
Output Negative Overload Recovery
Time
AV = -100, VIN = 0.2VP-P, RL = 2kΩ to
VCM (Note 9)
-
10.6
-
µs
Positive Overshoot
OS+
AV = 1, VOUT = 10VP-P, Rf = 0Ω
RL =2kΩto VCM
-15-
%
--
33
%
Negative Overshoot
OS-
AV = 1, VOUT = 10VP-P, Rf = 0Ω
RL =2kΩto VCM
-15-
%
--
33
%
Electrical Specifications ±18.0V V
S = ±18.0V, VCM = VO = 0V, RL = Open, TA= +25°C, unless otherwise noted. Boldface limits apply
across the operating temperature range, -55°C to +125°C; over a total ionizing dose of 300krad(Si) with exposure at a high dose rate of 50ad(Si)/s to
300rad(Si)/s or over a total ionizing dose of 50krad(Si) with exposure at a low dose rate of <10mrad(Si)/s, unless otherwise noted. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 8)TYP
MAX
(Note 8)UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com