Electronic Components Datasheet Search
  English  ▼

X  

ISL70219ASEHF/PROTO Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL70219ASEHF/PROTO
Description  40V Radiation Hardened and SET Enhanced, Precision Low-Power Operational Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70219ASEHF/PROTO Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL70219ASEHF/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
ISL70219ASEH
FN8459 Rev. 2.00
Page 6 of 25
Jun 11, 2018
Electrical Specifications ±5.0V V
S = ±5.0V, VCM = VO = 0V, RL = Open, TA = +25°C, unless otherwise noted. Boldface limits apply
across the operating temperature range, -55°C to +125°C; over a total ionizing dose of 300krad(Si) with exposure at a high dose rate of 50rad(Si)/s to
300rad(Si)/s or over a total ionizing dose of 50krad(Si) with exposure at a low dose rate of <10mrad(Si)/s, unless otherwise noted.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 8)TYP
MAX
(Note 8)UNIT
Input Offset Voltage
VOS
-
10
150
µV
--
250
µV
Offset Voltage Drift
TCVOS
(Note 9)
-
0.1
1
µV/
°C
Input Bias Current
IB
TA = +25°C
-2.50
0.08
2.50
nA
TA = -55°C, +125°C
-5
-
5
nA
TA = +25°C, post HDR/LDR Rad
-15
-
15
nA
Input Bias Current Temperature
Coefficient
TCIB
(Note 9)
-5
1
5
pA/°C
Input Offset Current
IOS
TA = +25°C
-2.5
0.3
2.5
nA
TA = -55°C, +125°C
-3
-
3
nA
TA = +25°C, post HDR/LDR Rad
-10
-
10
nA
Input Offset Current Temperature
Coefficient
TCIOS
(Note 9)
-3
0.42
3
pA/°C
Input Voltage Range
VCM
Guaranteed by CMRR test
-3
3
V
Common-Mode Rejection Ratio
CMRR
VCM = -3V to +3V
120
145
-
dB
120
-dB
Power Supply Rejection Ratio
PSRR
VS = ±2.25V to ±5V
120
145
-
dB
120
-dB
Open-Loop Gain
AVOL
VO = -3.0V to +3.0V
RL = 10kΩ to ground
3000
14000
-
V/mV
Output Voltage High
VOH
RL = 10kΩ to ground
3.5
3.7
-
V
3.2
-V
RL = 2kΩ to ground
3.30
3.55
-
V
3.0
-V
Output Voltage Low
VOL
RL = 10kΩ to ground
-
-3.7
-3.5
V
-
-3.2
V
RL = 2kΩ to ground
-
-3.55
-3.30
V
-
-3.0
V
Supply Current/Amplifier
IS
-
0.470
0.675
mA
-
0.8
mA
AC SPECIFICATIONS
Gain Bandwidth Product
GBWP
AV = 1k, RL = 2kΩ (Note 9)-
1.5
-
MHz
Voltage Noise VP-P
enVp-p
0.1Hz to 10Hz (Note 9)
-
0.25
-
µVP-P
Voltage Noise Density
en
f = 10Hz (Note 9)-
12
-
nV/√Hz
Voltage Noise Density
en
f = 100Hz (Note 9)-
8.6
-
nV/√Hz
Voltage Noise Density
en
f = 1kHz (Note 9)
-
8
-
nV/√Hz
Voltage Noise Density
en
f = 10kHz (Note 9)-
8
-
nV/√Hz
Current Noise Density
in
f = 1kHz (Note 9)
-
0.1
-
pA/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com