Electronic Components Datasheet Search
  English  ▼

X  

ISL70219ASEHF/PROTO Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL70219ASEHF/PROTO
Description  40V Radiation Hardened and SET Enhanced, Precision Low-Power Operational Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70219ASEHF/PROTO Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL70219ASEHF/PROTO Datasheet HTML 1Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
ISL70219ASEH
FN8459 Rev. 2.00
Page 4 of 25
Jun 11, 2018
Absolute Maximum Ratings
Thermal Information
Maximum Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42V
Maximum Supply Voltage (Note 7). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36V
Maximum Differential Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
Maximum Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V
Min/Max Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . .V- - 0.5V to V+ + 0.5V
Max/Min Input Current for Input Voltage >V+ or <V- . . . . . . . . . . . . ±20mA
Output Short-Circuit Duration (1 output at a time). . . . . . . . . . . . Indefinite
ESD Rating
Human Body Model (Tested per MIL-PRF-883 3015.7). . . . . . . . . . . 2kV
Machine Model (Tested per EIA/JESD22-A115-A) . . . . . . . . . . . . . . 200V
Charged Device Model (Tested per JESD22-C101D) . . . . . . . . . . . . 750V
Thermal Resistance (Typical)
JA (°C/W) JC (°C/W)
10 Ld Flatpack Package (Notes 5, 6). . . . .
40
8
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Recommended Operating Conditions
Ambient Operating Temperature Range . . . . . . . . . . . . . .-55°C to +125°C
Maximum Operating Junction Temperature . . . . . . . . . . . . . . . . . .+150°C
Single Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5V to 36.0V
Split Rail Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±2.25V to ±18V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions can adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
5.
JA is measured in free air with the component mounted on a high-effective thermal conductivity test board with “direct attach” features. See TB379
for details.
6. For
JC, the “case temp” location is the center of the package underside.
7. Tested in a heavy ion environment at LET = 86.4MeV•cm2/mg at +125°C (TC) for SEB. Refer to Single Event Effects Test Report for more information.
Electrical Specifications ±18.0V V
S = ±18.0V, VCM = VO = 0V, RL = Open, TA= +25°C, unless otherwise noted. Boldface limits apply
across the operating temperature range, -55°C to +125°C; over a total ionizing dose of 300krad(Si) with exposure at a high dose rate of 50ad(Si)/s to
300rad(Si)/s or over a total ionizing dose of 50krad(Si) with exposure at a low dose rate of <10mrad(Si)/s, unless otherwise noted.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 8)TYP
MAX
(Note 8)UNIT
Input Offset Voltage
VOS
-10
85
µV
--
110
µV
Offset Voltage Drift
TCVOS
(Note 9)
-
0.1
1
µV/°C
Input Bias Current
IB
TA = +25°C
-2.50
0.08
2.50
nA
TA = -55°C, +125°C
-5
-
5
nA
TA = +25°C, post HDR/LDR Rad
-15
-
15
nA
Input Bias Current Temperature
Coefficient
TCIB
(Note 9)
-5
1
5
pA/°C
Input Offset Current
IOS
TA = +25°C
-2.5
0.08
2.5
nA
TA = -55°C, +125°C
-3
-
3
nA
TA = +25°C, post HDR/LDR Rad
-10
-
10
nA
Input Offset Current Temperature
Coefficient
TCIOS
(Note 9)
-3
0.42
3
pA/°C
Input Voltage Range
VCM
Guaranteed by CMRR test
-16
-
16
V
Common-Mode Rejection Ratio
CMRR
VCM = -16V to +16V
120
145
-
dB
120
--
dB
Power Supply Rejection Ratio
PSRR
VS = ±2.25V to ±20V
120
145
-
dB
120
--
dB
Open-Loop Gain
AVOL
VO = -16V to +16V, RL =10kΩ to
ground
3000
14000
-
V/mV
Output Voltage High
VOH
RL = 10kΩ to ground
16.5
16.7
-
V
16.2
--
V
RL = 2kΩ to ground
16.3
16.5
-
V
16.0
--
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com