Electronic Components Datasheet Search
  English  ▼

X  

ISL70219ASEHF/PROTO Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ISL70219ASEHF/PROTO
Description  40V Radiation Hardened and SET Enhanced, Precision Low-Power Operational Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70219ASEHF/PROTO Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ISL70219ASEHF/PROTO Datasheet HTML 16Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 17Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 18Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 19Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 20Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 21Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 22Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 23Page - Renesas Technology Corp ISL70219ASEHF/PROTO Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
ISL70219ASEH
FN8459 Rev. 2.00
Page 20 of 25
Jun 11, 2018
Applications Information
Functional Description
The ISL70219ASEH is a dual, low noise precision operational
amplifier (op amp). This device is fabricated in a new precision
40V complementary bipolar DI process. A super-beta NPN input
stage with input bias current cancellation provides low input bias
current (180pA typical), low input offset voltage (13µV typical),
low input noise voltage (8nV/√Hz), and low 1/f noise corner
frequency (~8Hz). This amplifier also features a high open-loop
gain (14kV/mV) for excellent CMRR (145dB) and THD+N
performance (0.0005% at 3.5VRMS, 1kHz into 2kΩ). A
complementary bipolar output stage enables high capacitive
load drive without external compensation.
Operating Voltage Range
The device is designed to operate across the 4.5V (±2.25V) to
40V (±20V) voltage range and is fully characterized at 10V (±5V)
and 36V (±18V). The Power Supply Rejection Ratio (PSRR)
typically exceeds 140dB across the full operating voltage range
and 120dB minimum across the -55°C to +125°C temperature
range. The worst case common-mode input voltage range
over-temperature is 2V to each rail. With ±18V supplies,
Common-Mode Rejection Ratio (CMRR) performance is typically
>130dB over-temperature. The minimum CMRR performance
across the -55°C to +125°C temperature range is >120dB for
power supply voltages from ±5V (10V) to ±18V (36V).
Input Performance
The super-beta NPN input pair provides excellent frequency
response while maintaining high input precision. High NPN beta
(>1000) reduces input bias current while maintaining good
frequency response, low input bias current, and low noise. Input
bias cancellation circuits provide additional bias current
reduction to <5nA, and excellent temperature stabilization.
Figures 6 through 8 show the high degree of bias current stability
at ±5V and ±18V supplies that is maintained across the -55°C to
+125°C temperature range. The low bias current TC also
produces very low input offset current TC, which reduces DC
input offset errors in precision, high impedance amplifiers.
The +25°C maximum input offset voltage (VOS) is 85µV at ±18V
supplies. The input offset voltage temperature coefficient (VOSTC)
is a maximum of ±1.0µV/°C. The VOS temperature behavior is
smooth (Figures 3 through 5 on page 9), maintaining constant TC
across the entire temperature range.
Input ESD Diode Protection
The input terminals (IN+ and IN-) have internal ESD protection
diodes to the positive and negative supply rails, series connected
500Ω current limiting resistors, and an anti-parallel diode pair
across the inputs (Figure 65).
The series resistors limit the high feed-through currents that can
occur in pulse applications when the input dV/dt exceeds the
0.5V/µs slew rate of the amplifier. Without the series resistors, the
input can forward-bias the anti-parallel diodes, causing current to
flow to the output and resulting in severe distortion and possible
diode failure.
Figure 36 on page 14 provides an example of distortion free large
signal response using a 4VP-P input pulse with an input rise time of
<1ns. The series resistors enable the input differential voltage to
be equal to the maximum power supply voltage (40V) without
damage.
In applications in which one or both amplifier input terminals are
at risk of exposure to high voltages beyond the power supply
rails, current limiting resistors may be needed at the input
terminal to limit the current through the power supply ESD
diodes to 20mA maximum.
Output Current Limiting
The output current is internally limited to approximately ±45mA
at +25°C and can withstand a short circuit to either rail as long
as the power dissipation limits are not exceeded. This applies to
only one amplifier at a time for the dual op amp. Continuous
operation under these conditions can degrade long term
reliability. Figure 14 on page 10 shows the current limit variation
with temperature.
Output Phase Reversal
Output phase reversal is a change of polarity in the amplifier
transfer function when the input voltage exceeds the supply
voltage. The ISL70219ASEH is immune to output phase reversal,
even when the input voltage is 1V beyond the supplies.
FIGURE 65. INPUT ESD DIODE CURRENT LIMITING - UNITY GAIN
-
+
RL
VIN
VOUT
V+
V-
500Ω
500Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com