Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLPC3436 and DLPC3426 Display Controllers
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 29 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 25Page - Texas Instruments DLPA2000 Datasheet HTML 26Page - Texas Instruments DLPA2000 Datasheet HTML 27Page - Texas Instruments DLPA2000 Datasheet HTML 28Page - Texas Instruments DLPA2000 Datasheet HTML 29Page - Texas Instruments DLPA2000 Datasheet HTML 30Page - Texas Instruments DLPA2000 Datasheet HTML 31Page - Texas Instruments DLPA2000 Datasheet HTML 32Page - Texas Instruments DLPA2000 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 68 page
background image
7.3.2 Device Startup
• The HOST_IRQ signal is provided to indicate when the system has completed auto-initialization.
• While reset is applied, HOST_IRQ is tristated (an external pullup resistor pulls the line high).
• HOST_IRQ remains tristated (pulled high externally) until the boot process completes. While the signal is
pulled high, this indicates that the controller is performing boot-up and auto-initialization.
• As soon as possible after the controller boots-up, the controller drives HOST_IRQ to a logic high state to
indicate that the controller is continuing to perform auto-initialization (no real state changes occur on the
external signal).
• The software sets HOST_IRQ to a logic low state at the completion of the auto-initialization process. At the
falling edge of the signal, the initialization is complete.
• The DLPC34x6 controller is ready to receive commands through I2C or accept video over the parallel
interface only after auto-initialization is complete.
• The controller initialization typically completes (HOST_IRQ goes low) within 2.94 s of RESETZ being
asserted. However, this time may vary (typically up to 0.3 s) depending on the software version and the
contents of the user configurable auto initialization file.
(INIT_BUSY)
HOST_IRQ
(with external pullup)
RESETZ
t1
auto-initialization
t0
t0: rising edge of RESETZ; auto-initialization begins
t1: falling edge of HOST_IRQ; auto-initialization is complete
Figure 7-4. HOST_IRQ Timing
7.3.3 SPI Flash
7.3.3.1 SPI Flash Interface
The DLPC34x6 controller requires an external SPI serial flash memory device to store the firmware. Follow
the below guidelines and requirements in addition to the requirements listed in the Flash Interface Timing
Requirements section.
The controller supports a maximum flash size of 128 Mb (16 MB). See Table 7-5 for example compatible
flash options. The minimum required flash size depends on the size of the utilized firmware. The firmware size
depends upon a variety of factors including the number of sequences, lookup tables, and splash images.
The DLPC34x6 controller uses a single SPI interface that complies to industry standard SPI flash protocol. The
device will begin accessing the flash at a nominal 1.42-MHz frequency before running at a nominal 30-MHz rate.
The flash device must support these rates.
The controller has two independent SPI chip select (CS) control lines. Ensure the flash device's chip select pin
is connected to SPI0_CSZ0 as the controller's boot routine is executed from the device connected to chip select
zero. The boot routine uploads program code from flash memory to program memory then transfers control to an
auto-initialization routine within program memory.
The DLPC34x6 is designed to support any flash device that is compatible with the modes of operation, features,
and performance as defined in Table 7-2, Table 7-3, and Table 7-4.
www.ti.com
DLPC3436
DLPS156E – JANUARY 2019 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: DLPC3436



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com