Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLPC3436 and DLPC3426 Display Controllers
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 4Page - Texas Instruments DLPA2000 Datasheet HTML 5Page - Texas Instruments DLPA2000 Datasheet HTML 6Page - Texas Instruments DLPA2000 Datasheet HTML 7Page - Texas Instruments DLPA2000 Datasheet HTML 8Page - Texas Instruments DLPA2000 Datasheet HTML 9Page - Texas Instruments DLPA2000 Datasheet HTML 10Page - Texas Instruments DLPA2000 Datasheet HTML 11Page - Texas Instruments DLPA2000 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
5.7 GPIO Peripheral Interface
Table 5-1. GPIO Peripheral Interface
PIN(1)
I/O
TYPE(3)
DESCRIPTION(2)
NAME
NO.
GPIO_19
M15
I/O
1
General purpose I/O 19 (hysteresis buffer). Optional GPIO. If unused TI recommends this pin be
configured as a logic zero GPIO output and left unconnected. Otherwise this pin requires an external
pullup or pulldown to avoid a floating GPIO input.
GPIO_18
M14
I/O
1
General purpose I/O 18 (hysteresis buffer). Optional GPIO. If unused TI recommends this pin be
configured as a logic zero GPIO output and left unconnected. Otherwise this pin requires an external
pullup or pulldown to avoid a floating GPIO input.
GPIO_17
L15
I/O
1
General purpose I/O 17 (hysteresis buffer). ACT_SYNC (output): Output to FPGA, used for
synchronizing the actuator position with the controller data processing.
GPIO_16
L14
I/O
1
General purpose I/O 16 (hysteresis buffer). SUB_FRAME_2 (input): Input from FPGA, signaling
sub-frames.
GPIO_15
K15
I/O
1
General purpose I/O 15 (hysteresis buffer). SUB_FRAME_1 (input): Input from FPGA, signaling
sub-frames.
GPIO_14
K14
I/O
1
General purpose I/O 14 (hysteresis buffer). FPGA_RDY (input): Input from FPGA, indicating when the
FPGA initialization process is complete.
GPIO_13
J15
I/O
1
General purpose I/O 13 (hysteresis buffer). Optional GPIO. If unused TI recommends this pin be
configured as a logic zero GPIO output and left unconnected. Otherwise this pin requires an external
pullup or pulldown to avoid a floating GPIO input.
GPIO_12
J14
I/O
1
General purpose I/O 12 (hysteresis buffer). Optional GPIO. If unused TI recommends this pin be
configured as a logic zero GPIO output and left unconnected. Otherwise this pin requires an external
pullup or pulldown to avoid a floating GPIO input.
GPIO_11
H15
I/O
1
General purpose I/O 11 (hysteresis buffer). Options:
1.
Thermistor power enable (output). Turns on the power to the thermistor when it is used and
enabled.
2.
Optional GPIO. If unused TI recommends this pin be configured as a logic zero GPIO output and
left unconnected. Otherwise this pin requires an external pullup or pulldown to avoid a floating
GPIO input.
GPIO_10
H14
I/O
1
General Purpose I/O 10 (hysteresis buffer). Options:
1.
RC_CHARGE (output): Intended to feed the RC charge circuit of the thermistor interface.
2.
Optional GPIO. If unused TI recommends this pin be configured as a logic zero GPIO output and
left unconnected. Otherwise this pin requires an external pullup or pulldown to avoid a floating
GPIO input.
GPIO_09
G15
I/O
1
General purpose I/O 09 (hysteresis buffer). Optional GPIO. If unused TI recommends this pin be
configured as a logic zero GPIO output and left unconnected. Otherwise this pin requires an external
pullup or pulldown to avoid a floating GPIO input.
GPIO_08
G14
I/O
1
General purpose I/O 08 (hysteresis buffer). Normal mirror parking request (active low): To be driven
by the PROJ_ON output of the host. A logic low on this signal causes the DLPC34x6 to PARK the
DMD, but it does not power down the DMD (the DLPAxxxx does that instead). At power-up, GPIO_08
must remain high until HOST_IRQ goes low (see Section 9.3).
GPIO_07
F15
I/O
1
General purpose I/O 07 (hysteresis buffer). If unused TI recommends this pin be configured as a logic
zero GPIO output and left unconnected. Otherwise this pin requires an external pullup or pulldown to
avoid a floating GPIO input.
GPIO_06
F14
I/O
1
General purpose I/O 06 (hysteresis buffer). Optional GPIO. If unused TI recommends this pin be
configured as a logic zero GPIO output and left unconnected. Otherwise this pin requires an external
pullup or pulldown to avoid a floating GPIO input.
GPIO_05
E15
I/O
1
General purpose I/O 05 (hysteresis buffer). Optional GPIO. If unused TI recommends this pin be
configured as a logic zero GPIO output and left unconnected. Otherwise this pin requires an external
pullup or pulldown to avoid a floating GPIO input.
DLPC3436
DLPS156E – JANUARY 2019 – REVISED APRIL 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DLPC3436



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com