Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLPC3436 and DLPC3426 Display Controllers
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 23 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 19Page - Texas Instruments DLPA2000 Datasheet HTML 20Page - Texas Instruments DLPA2000 Datasheet HTML 21Page - Texas Instruments DLPA2000 Datasheet HTML 22Page - Texas Instruments DLPA2000 Datasheet HTML 23Page - Texas Instruments DLPA2000 Datasheet HTML 24Page - Texas Instruments DLPA2000 Datasheet HTML 25Page - Texas Instruments DLPA2000 Datasheet HTML 26Page - Texas Instruments DLPA2000 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
6.15 Other Timing Requirements
MIN
MAX
UNIT
trise, all(1) (2)
20% to 80% reference points
10
ns
tfall, all(1) (2)
80% to 20% reference points
10
ns
trise, PARKZ(2)
20% to 80% reference points
150
ns
tfall, PARKZ(2)
80% to 20% reference points
150
ns
tw, GPIO_08 (normal park) pulse width low(3)
200
ms
I2C baud rate
100
kHz
(1)
Unless noted elsewhere, the following signal transition times are for all DLPC34xx signals.
(2)
This is the recommended signal transition time to avoid input buffer oscillations.
(3)
When the controller is turned off by setting PROJ_ON low, PROJ_ON must not be brought high again for at least 200 ms. View Section
9.3 for additional requirements.
6.16 DMD Sub-LVDS Interface Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tR (1)
Differential output rise time
250
ps
tF (1)
Differential output fall time
250
ps
tswitch
DMD HS clock switching rate
1200
Mbps
fclock
DMD HS clock frequency
600
MHz
DCout
DMD HS clock output duty cycle
45%
50%
55%
(1)
Rise and fall times are defined for the differential VOD signal as shown in Figure 6-2.
6.17 DMD Parking Switching Characteristics
See (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tpark
Normal park time(1)
20
ms
tfast park
Fast park time(3)
32
µs
(1)
Normal park time is defined as how long it takes the DLPC34xx controller to complete the parking of the DMD after it receives the
normal park request (GPIO_08 goes low).
(2)
The oscillator and power supplies must remain active for at least the duration of the park time. The power supplies must additionally
be held on for a time after parking is completed to satisfy DMD requirements. See Section 9.2 and the appropriate DMD or PMIC data
sheet for more information.
(3)
Fast park time is defined as how long it takes the DLPC34xx controller to complete the parking of the DMD after it receives the fast
park request (PARKZ goes low).
6.18 Chipset Component Usage Specification
The DLPC34x6 is a component of a DLP chipset. Reliable function and operation of the DLP chipset requires
that it be used with all components (DMD, PMIC, and controller) of the applicable DLP chipset.
Table 6-1. DLPC3436 Supported DMDs and PMICs
DLPC3436 DLP Chipset
DMD
DLP230NP
PMIC
DLPA2000
DLPA2005
DLPA3000
DLPA3005
Table 6-2. DLPC3426 Supported DMDs and PMICs
DLPC3426 DLP Chipset
DMD
DLP230NPSE
www.ti.com
DLPC3436
DLPS156E – JANUARY 2019 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: DLPC3436



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com