Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLPC3436 and DLPC3426 Display Controllers
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 20 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 16Page - Texas Instruments DLPA2000 Datasheet HTML 17Page - Texas Instruments DLPA2000 Datasheet HTML 18Page - Texas Instruments DLPA2000 Datasheet HTML 19Page - Texas Instruments DLPA2000 Datasheet HTML 20Page - Texas Instruments DLPA2000 Datasheet HTML 21Page - Texas Instruments DLPA2000 Datasheet HTML 22Page - Texas Instruments DLPA2000 Datasheet HTML 23Page - Texas Instruments DLPA2000 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 68 page
background image
6.12 Parallel Interface Frame Timing Requirements
See Section 11.1.2.3 for additional information.
MIN
MAX
UNIT
tp_vsw
Pulse duration – default VSYNC_WE high
50% reference points
1
lines
tp_vbp
Vertical back porch (VBP) – time from the active edge of
VSYNC_WE to the active edge of HSYNC_CS for the first
active line(1)
50% reference points
2
lines
tp_vfp
Vertical front porch (VFP) – time from the active edge of the
HSYNC_CS following the last active line in a frame to the active
edge of VSYNC_WE(1)
50% reference points
1
lines
tp_tvb
Total vertical blanking – the sum of VBP and VFP (tp_vbp +
tp_vfp)
50% reference points
See (1)
lines
tp_hsw
Pulse duration – default HSYNC_CS high
50% reference points
4
128
PCLKs
tp_hbp
Horizontal back porch (HBP) – time from the active edge of
HSYNC_CS to the rising edge of DATAEN_CMD
50% reference points
4
PCLKs
tp_hfp
Horizontal front porch (HFP) – time from the falling edge of
DATAEN_CMD to the active edge of HSYNC_CS
50% reference points
8
PCLKs
(1)
The minimum total vertical blanking is defined by the following equation: tp_tvb(min) = 6 + [8 × Max(1, Source_ALPF / DMD_ALPF)]
lines
where:
•
SOURCE_ALPF = Input source active lines per frame
•
DMD_ALPF = Actual DMD used lines per frame supported
VSYNC_WE
HSYNC_CS
DATAEN_CMD
tp_vsw
1 Frame
tp_vbp
tp_vfp
HSYNC_CS
DATAEN_CMD
tp_hsw
1 Line
tp_hfp
tp_hbp
PDATA(23/15:0)
P0
PCLK
P1
P2
P3
P
n-2
P
n-1
Pn
(This diagram assumes the VSYNC
active edge is the rising edge)
(This diagram assumes the HSYNC
active edge is the rising edge)
Figure 6-7. Parallel Interface Frame Timing
DLPC3436
DLPS156E – JANUARY 2019 – REVISED APRIL 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DLPC3436



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com