Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLPC3436 and DLPC3426 Display Controllers
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 3Page - Texas Instruments DLPA2000 Datasheet HTML 4Page - Texas Instruments DLPA2000 Datasheet HTML 5Page - Texas Instruments DLPA2000 Datasheet HTML 6Page - Texas Instruments DLPA2000 Datasheet HTML 7Page - Texas Instruments DLPA2000 Datasheet HTML 8Page - Texas Instruments DLPA2000 Datasheet HTML 9Page - Texas Instruments DLPA2000 Datasheet HTML 10Page - Texas Instruments DLPA2000 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
5.6 Peripheral Interface
PIN(1)
I/O
TYPE(3)
DESCRIPTION
NAME
NO.
CMP_OUT
A12
I
6
Successive approximation ADC (analog-to-digital converter) comparator output (DLPC34x6
Input). To implement, use a successive approximation ADC with a thermistor feeding one
input of the external comparator and the DLPC34x6 controller GPIO_10 (RC_CHARGE)
pin driving the other side of the comparator. It is recommended to use the DLPAxxxx to
achieve this function. CMP_OUT must be pulled down to ground if this function is not used
(hysteresis buffer).
CMP_PWM
A15
O
1
TI internal use. Leave this pin unconnected.
HOST_IRQ(2)
N8
O
9
Host interrupt (output)
HOST_IRQ indicates when the DLPC34x6 auto-initialization is in progress and most
importantly when it completes.
This pin is tristated during reset. An external pullup must be included on this signal.
IIC0_SCL(4)
N10
I/O
7
I2C secondary (port 0) SCL (bidirectional, open-drain signal with input hysteresis): This pin
requires an external pullup resistor. The secondary I2C I/Os are 3.6-V tolerant (high-voltage-
input tolerant) and are powered by VCC_INTF (which can be 1.8, 2.5, or 3.3 V). External
I2C pullups must be connected to a host supply with an equal or higher supply voltage,
up to a maximum of 3.6 V (a lower pullup supply voltage does not typically satisfy the VIH
specification of the secondary I2C input buffers).
IIC1_SCL
R11
I/O
8
TI internal use. TI recommends an external pullup resistor.
IIC0_SDA(4)
N9
I/O
7
I2C secondary (port 0) SDA. (bidirectional, open-drain signal with input hysteresis): This pin
requires an external pullup resistor. The secondary I2C port is the control port of controller.
The secondary I2C I/O pins are 3.6-V tolerant (high-volt-input tolerant) and are powered by
VCC_INTF (which can be 1.8, 2.5, or 3.3 V). External I2C pullups must be connected to
a host supply with an equal or higher supply voltage, up to a maximum of 3.6 V (a lower
pullup supply voltage does not typically satisfy the VIH specification of the secondary I2C
input buffers).
IIC1_SDA
R10
I/O
8
TI internal use. TI recommends an external pullup resistor.
LED_SEL_0
B15
O
1
LED enable select. Automatically controlled by the DLPC34x6 programmable DMD
sequence.
LED_SEL(1:0)
00
01
10
11
Enabled LED
None
Red
Green
Blue
LED_SEL_1
B14
O
1
The controller drives these signals low when RESETZ is asserted and the corresponding
I/O power is supplied. The controller continues to drive these signals low throughout the
auto-initialization process. A weak, external pulldown resistor is recommended to ensure
that the LEDs are disabled when I/O power is not applied.
SPI0_CLK
A13
O
13
SPI (Serial Peripheral Interface) port 0, clock. This pin is typically connected to the flash
memory clock.
SPI0_CSZ0
A14
O
13
SPI port 0, chip select 0 (active low output). This pin is typically connected to the flash
memory chip select.
TI recommends an external pullup resistor to avoid floating inputs to the external SPI device
during controller reset assertion.
SPI0_CSZ1
C12
O
13
SPI port 0, chip select 1 (active low output). This pin typically remains unused.
TI recommends an external pullup resistor to avoid floating inputs to the external SPI device
during controller reset assertion.
SPI0_DIN
B12
I
12
Synchronous serial port 0, receive data in. This pin is typically connected to the flash
memory data out.
SPI0_DOUT
B13
O
13
Synchronous serial port 0, transmit data out. This pin is typically connected to the flash
memory data in.
(1)
External pullup resistor must be 8 kΩ or less.
(2)
For more information about usage, see Section 7.3.2.
(3)
See Table 5-3 for type definitions.
(4)
When VCC_INTF is powered and VDD is not powered, the controller may drive the IIC0_xxx pins low which prevents communication
on this I2C bus. Do not power up the VCC_INTF pin before powering up the VDD pin for any system that has additional secondary
devices on this bus.
www.ti.com
DLPC3436
DLPS156E – JANUARY 2019 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: DLPC3436



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com