Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLPC3436 and DLPC3426 Display Controllers
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 48 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 44Page - Texas Instruments DLPA2000 Datasheet HTML 45Page - Texas Instruments DLPA2000 Datasheet HTML 46Page - Texas Instruments DLPA2000 Datasheet HTML 47Page - Texas Instruments DLPA2000 Datasheet HTML 48Page - Texas Instruments DLPA2000 Datasheet HTML 49Page - Texas Instruments DLPA2000 Datasheet HTML 50Page - Texas Instruments DLPA2000 Datasheet HTML 51Page - Texas Instruments DLPA2000 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 68 page
background image
9.4 DMD Fast Park Control (PARKZ)
PARKZ is an input early warning signal that must alert the controller at least 32 µs before DC supply voltages
drop below specifications. Typically, the PARKZ signal is provided by the DLPAxxxx interrupt output signal.
PARKZ must be deasserted (set high) prior to releasing RESETZ (that is, prior to the low-to-high transition on
the RESETZ input) for normal operation. When PARKZ is asserted (set low) the controller performs a Fast Park
operation on the DMD which assists in maintaining the lifetime of the DMD. The reference clock must continue
running and RESETZ must remain deactivated for at least 32 µs after PARKZ has been asserted (set low) to
allow the park operation to complete.
Fast Park operation is only intended for use when loss of power is imminent and beyond the control of the host
processor (for example, when the external power source has been disconnected or the battery has dropped
below a minimum level). The longest lifetime of the DMD may not be achieved with Fast Park operation.
The longest lifetime is achieved with a Normal Park operation (initiated through GPIO_08). Hence, PARKZ
is typically only used instead of a Normal Park request if there is not enough time for a Normal Park. A
Normal Park operation takes much longer than 32 µs to park the mirrors. During a Normal Park operation, the
DLPAxxxx keeps on all power supplies, and keeps RESETZ high, until the longer mirror parking has completed.
Additionally, the DLPAxxxx may hold the supplies on for a period of time after the parking has been completed.
View the relevant DLPAxxxx datasheet for more information. The longer mirror parking time ensures the longest
DMD lifetime and reliability. DMD Parking Switching Characteristics specifies the park timings.
9.5 Hot Plug I/O Usage
The DLPC34xx controller provides fail-safe I/O on all host interface signals (signals powered by VCC_INTF).
This allows these inputs to externally be driven even when no I/O power is applied. Under this condition, the
controller does not load the input signal nor draw excessive current that could degrade controller reliability.
For example, the I2C bus from the host to other components is not affected by powering off VCC_INTF to the
DLPC34xx controller. The allows additional devices on the I2C bus to be utilized even if the controller is not
powered on. TI recommends weak pullup or pulldown resistors to avoid floating inputs for signals that feed back
to the host.
If the I/O supply (VCC_INTF) powers off, but the core supply (VDD) remains on, then the corresponding
input buffer may experience added leakage current; however, the added leakage current does not damage the
DLPC34xx controller.
However, if VCC_INTF is powered and VDD is not powered, the controller may drives the IIC0_xx pins low which
prevents communication on this I2C bus. Do not power up the VCC_INTF pin before powering up the VDD pin
for any system that has additional target devices on this bus.
9.6 Maximum Signal Transition Time
Unless otherwise noted, 10 ns is the maximum recommended 20% to 80% rise or fall time to avoid input buffer
oscillation. This applies to all DLPC34x6 input signals. However, the PARKZ input signal includes an additional
small digital filter that ignores any input buffer transitions caused by a slower rise or fall time for up to 150 ns.
DLPC3436
DLPS156E – JANUARY 2019 – REVISED APRIL 2023
www.ti.com
48
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DLPC3436



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com