Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLPC3436 and DLPC3426 Display Controllers
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 28 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 24Page - Texas Instruments DLPA2000 Datasheet HTML 25Page - Texas Instruments DLPA2000 Datasheet HTML 26Page - Texas Instruments DLPA2000 Datasheet HTML 27Page - Texas Instruments DLPA2000 Datasheet HTML 28Page - Texas Instruments DLPA2000 Datasheet HTML 29Page - Texas Instruments DLPA2000 Datasheet HTML 30Page - Texas Instruments DLPA2000 Datasheet HTML 31Page - Texas Instruments DLPA2000 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
7.3.1.2 3D Display
For 3D sources on the parallel or MIPI DSI interface, images must be frame sequential (L, R, L, ...) when input to
the DLPC34x6 controller. Any processing required to unpack 3D images and to convert them to frame sequential
input must be done by external electronics prior to inputting the images to the controller. Each 3D source frame
input must contain a single eye frame of data, separated by a VSYNC, where an eye frame contains image data
for a single left or right eye. The signal 3DR input to the controller indicates whether the input frame is for the left
eye or right eye.
Each DMD frame is displayed at the same rate as the input interface frame rate. Figure 7-3 shows the typical
timing for a 50-Hz or 60-Hz 3D HDMI source frame, the input interface of the DLPC34x6 controller, and the
DMD. In general, video frames sent over the HDMI interface pack both the left and right content into the
same video frame. GPIO_04 is optionally sent to a transmitter on the system PCB for wirelessly transmitting a
synchronization signal to 3D glasses (usually an IR sync signal). The glasses are then in phase with the DMD
images displayed. Alternately, Section 7.3.7 shows how DLP link pulses can be used instead.
FPGA OUTPUT DATA
ACT_SYNC
Actuator Position
FPGA
P_DATA_L_(0:23)
'RQ¶W &DUH
'RQ¶W &DUH
FPGA IN_VSYNC
FPGA IN_3DR
FPGA IN_DATA
Frame 1, Left Eye
( 960 × 540 )
Frame 2, Right Eye
Frame 3, Left Eye
FPGA OUT_VSYNC
FPGA OUT_3DR
Frame 1, Left Eye
( 960 × 540 )
Frame 2, Right Eye
Frame 3, Left Eye
Frame 1, Left Eye
( 960 × 540 )
Frame 2, Right Eye
tVSYNC_PRD
100 Hz or 120 Hz
FPGA
Input
FPGA
Output
&
ASIC
Input
ASIC
Output
(1) Left = 1, Right = 0
(2) 3DR must toggle at least 1 ms before VSYNC
Figure 7-3. 3D Frame and Signal Timing
DLPC3436
DLPS156E – JANUARY 2019 – REVISED APRIL 2023
www.ti.com
28
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DLPC3436



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com