Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLPC3436 and DLPC3426 Display Controllers
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 6Page - Texas Instruments DLPA2000 Datasheet HTML 7Page - Texas Instruments DLPA2000 Datasheet HTML 8Page - Texas Instruments DLPA2000 Datasheet HTML 9Page - Texas Instruments DLPA2000 Datasheet HTML 10Page - Texas Instruments DLPA2000 Datasheet HTML 11Page - Texas Instruments DLPA2000 Datasheet HTML 12Page - Texas Instruments DLPA2000 Datasheet HTML 13Page - Texas Instruments DLPA2000 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
Table 5-2. Power and Ground (continued)
PIN
I/O
TYPE
DESCRIPTION
NAME
NO.
VSS
C4, D6, D8,
D10, E4,
E13, F4, G4,
G12, H4,
H12, J3,
J13, K4,
K12, L3, M4,
M5, M8,
M12, G13,
C6, C8
—
GND
Core ground (eDRAM, DSI, I/O ground, thermal ground)
VCC18
C7, C9, D4,
E12, F12,
K13, M11
—
PWR
All 1.8-V I/O power:
(1.8-V power supply for all I/O pins except the host or parallel interface
and the SPI flash interface. This includes RESETZ, PARKZ, LED_SEL,
CMP_OUT, GPIO, IIC1, TSTPT, and JTAG pins)
VCC_INTF
M3, M7, N3,
N7
—
PWR
Host or parallel interface I/O power: 1.8 V (includes IIC0, PDATA, video
syncs, and HOST_IRQ pins)
VCC_FLSH
D11
—
PWR
Flash interface I/O power: 1.8 V to 3.3 V
(dedicated SPI0 power pin)
VDD_PLLM
H2
—
PWR
MCG PLL (primary clock generator phase lock loop) 1.1-V power
VSS_PLLM
G3
—
RTN
MCG PLL return
VDD_PLLD
J2
—
PWR
DCG PLL (DMD clock generator phase lock loop) 1.1-V power
VSS_PLLD
H3
—
RTN
DCG PLL return
Table 5-3. I/O Type Subscript Definition
I/O
SUPPLY REFERENCE
ESD STRUCTURE
SUBSCRIPT
DESCRIPTION
1
1.8-V LVCMOS I/O buffer with 8-mA drive
Vcc18
ESD diode to GND and supply rail
2
1.8-V LVCMOS I/O buffer with 4-mA drive
Vcc18
ESD diode to GND and supply rail
3
1.8-V LVCMOS I/O buffer with 24-mA drive
Vcc18
ESD diode to GND and supply rail
4
1.8-V sub-LVDS output with 4-mA drive
Vcc18
ESD diode to GND and supply rail
5
1.8-V, 2.5-V, 3.3-V LVCMOS with 4-mA drive
Vcc_INTF
ESD diode to GND and supply rail
6
1.8-V LVCMOS input
Vcc18
ESD diode to GND and supply rail
7
1.8-V, 2.5-V, 3.3-V I2C with 3-mA drive
Vcc_INTF
ESD diode to GND and supply rail
8
1.8-V I2C with 3-mA drive
Vcc18
ESD diode to GND and supply rail
9
1.8-V, 2.5-V, 3.3-V LVCMOS with 8-mA drive
Vcc_INTF
ESD diode to GND and supply rail
10
LVDS I/O
VDD for high speed
transmit, high speed
receive, and low power
receive.
VDDLP12 for low power
transmit
ESD diode to GND and supply rail
11
1.8-V, 2.5-V, 3.3-V LVCMOS input
Vcc_INTF
ESD diode to GND and supply rail
12
1.8-V, 2.5-V, 3.3-V LVCMOS input
Vcc_FLSH
ESD diode to GND and supply rail
13
1.8-V, 2.5-V, 3.3-V LVCMOS with 8-mA drive
Vcc_FLSH
ESD diode to GND and supply rail
DLPC3436
DLPS156E – JANUARY 2019 – REVISED APRIL 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DLPC3436



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com