Electronic Components Datasheet Search
  English  ▼

X  

LM5069 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5069
Description  Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5069 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM5069 Datasheet HTML 14Page - National Semiconductor (TI) LM5069 Datasheet HTML 15Page - National Semiconductor (TI) LM5069 Datasheet HTML 16Page - National Semiconductor (TI) LM5069 Datasheet HTML 17Page - National Semiconductor (TI) LM5069 Datasheet HTML 18Page - National Semiconductor (TI) LM5069 Datasheet HTML 19Page - National Semiconductor (TI) LM5069 Datasheet HTML 20Page - National Semiconductor (TI) LM5069 Datasheet HTML 21Page - National Semiconductor (TI) LM5069 Datasheet HTML 22Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Application Information
(Refer to Figure 1) (Continued)
The four resistor values are calculated as follows:
- Choose the upper and lower UVLO thresholds (V
UVH)
and (V
UVL).
-Choose the upper and lower OVLO threshold (V
OVH) and
(V
OVL).
As an example, assume the application requires the follow-
ing thresholds: V
UVH = 22V, VUVL = 17V, VOVH = 60V, and
V
OVL = 58V. Therefore VUV(HYS) = 5V, and VOV(HYS) =2V.
The resistor values are:
R1 = 238 k
Ω,R2=41kΩ
R3 = 95.2 k
Ω, R4 = 4.14 kΩ
Where the R1-R4 resistor values are known, the threshold
voltages and hysteresis are calculated from the following:
V
UV(HYS) =R1x21µA
V
OV(HYS) =R3x21µA
Option C: The minimum UVLO level is obtained by connect-
ing the UVLO pin to VIN as shown in Figure 14. Q1 is
switched on when the VIN voltage reaches the POR
EN
threshold ()8.8V). An external transistor can be connected
to UVLO to provide remote shutdown control, and to restart
the LM5069-1 after a fault detection. The OVLO thresholds
are set using R3, R4. Their values are calculated using the
procedure in Option B.
20197241
FIGURE 13. Programming the Four Thresholds
20197250
FIGURE 14. UVLO = POR
EN with Shutdown/Restart Control
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com