Electronic Components Datasheet Search
  English  ▼

X  

LM5069 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5069
Description  Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5069 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM5069 Datasheet HTML 13Page - National Semiconductor (TI) LM5069 Datasheet HTML 14Page - National Semiconductor (TI) LM5069 Datasheet HTML 15Page - National Semiconductor (TI) LM5069 Datasheet HTML 16Page - National Semiconductor (TI) LM5069 Datasheet HTML 17Page - National Semiconductor (TI) LM5069 Datasheet HTML 18Page - National Semiconductor (TI) LM5069 Datasheet HTML 19Page - National Semiconductor (TI) LM5069 Datasheet HTML 20Page - National Semiconductor (TI) LM5069 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Application Information
(Refer to Figure 1) (Continued)
seven additional charge/discharge cycles between 1.25V
and 4.0V as shown in Figure 6. The restart time ends when
the TIMER pin voltage reaches 0.3V during the final high-to-
low ramp. The restart time, after the Fault Timeout Period, is
equal to:
=C
T x9.4x10
6
For example, if C
T = 0.33 µF, tRESTART = 3.1 seconds. At the
end of the restart time, Q1 is switched on. If the fault is still
present, the fault timeout and restart sequence repeats. The
on-time duty cycle of Q1 is approximately 0.5% in this mode.
UVLO, OVLO
By programming the UVLO and OVLO thresholds the
LM5069 enables the series pass device (Q1) when the input
supply voltage (V
SYS)
is within the desired operational
range. If V
SYS is below the UVLO threshold, or above the
OVLO threshold, Q1 is switched off, denying power to the
load. Hysteresis is provided for each threshold.
Option A: The configuration shown in Figure 12 requires
three resistors (R1-R3) to set the thresholds.
The procedure to calculate the resistor values is as follows:
- Choose the upper UVLO threshold (V
UVH), and the
lower UVLO threshold (V
UVL).
- Choose the upper OVLO threshold (V
OVH).
- The lower OVLO threshold (V
OVL) cannot be chosen in
advance in this case, but is determined after the values for
R1-R3 are determined. If V
OVL must be accurately defined in
addition to the other three thresholds, see Option B below.
The resistors are calculated as follows:
The lower OVLO threshold is calculated from:
As an example, assume the application requires the follow-
ing thresholds: V
UVH = 36V, VUVL = 32V, VOVH = 60V.
The lower OVLO threshold calculates to 55.8V, and the
OVLO hysteresis is 4.2V. Note that the OVLO hysteresis is
always slightly greater than the UVLO hysteresis in this
configuration. When the R1-R3 resistor values are known,
the threshold voltages and hysteresis are calculated from
the following:
V
UV(HYS) =R1x21µA
V
OV(HYS) =(R1+R2)x21µA
Option B: If all four thresholds must be accurately defined,
the configuration in Figure 13 can be used.
20197229
FIGURE 12. UVLO and OVLO Thresholds Set By R1-R3
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com