Electronic Components Datasheet Search
  English  ▼

X  

LM5069 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5069
Description  Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5069 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM5069 Datasheet HTML 10Page - National Semiconductor (TI) LM5069 Datasheet HTML 11Page - National Semiconductor (TI) LM5069 Datasheet HTML 12Page - National Semiconductor (TI) LM5069 Datasheet HTML 13Page - National Semiconductor (TI) LM5069 Datasheet HTML 14Page - National Semiconductor (TI) LM5069 Datasheet HTML 15Page - National Semiconductor (TI) LM5069 Datasheet HTML 16Page - National Semiconductor (TI) LM5069 Datasheet HTML 17Page - National Semiconductor (TI) LM5069 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Shutdown Control (Continued)
open drain device, as shown in Figure 7. Upon releasing the
UVLO pin the LM5069 switches on the load current with
in-rush current and power limiting.
Power Good Pin
The Power Good indicator pin (PGD) is connected to the
drain of an internal N-channel MOSFET capable of sustain-
ing 80V in the off-state, and transients up to 100V. An
external pull-up resistor is required at PGD to an appropriate
voltage to indicate the status to downstream circuitry. The
off-state voltage at the PGD pin can be higher or lower than
the voltages at VIN and OUT. PGD is switched high when the
voltage from SENSE to OUT (the external MOSFET’s V
DS)
decreases below 1.25V. PGD switches low when the MOS-
FET’s V
DS is increased past 2.5V. If the UVLO pin is taken
below 2.5V, or the OVLO pin taken above 2.5V, to disable
the LM5069, PGD switches low within 10 µs without waiting
for the voltage at OUT to fall 2.5V below the voltage at
SENSE. The PGD output pin is high when the voltage at VIN
is less than 5V.
Application Information
(Refer to Figure 1)
CURRENT LIMIT, R
S
The LM5069 monitors the current in the external MOSFET
(Q1) by measuring the voltage across the sense resistor
(R
S), connected from VIN to SENSE. The required resistor
value is calculated from:
(1)
where I
LIM is the desired current limit threshold. If the voltage
across R
S reaches 55 mV, the current limit circuit modulates
the gate of Q1 to regulate the current at I
LIM. While the
current limiting circuit is active, the fault timer is active as
described in the Fault Timer & Restart section. For proper
operation, R
S must be no larger than 100 m
Ω.
While the maximum load current in normal operation can be
used to determine the required power rating for resistor R
S,
basing it on the current limit value provides a more reliable
design since the circuit can operate near the current limit
threshold continuously. The resistor’s surge capability must
also be considered since the circuit breaker threshold is
twice the current limit threshold. Connections from R
S to the
LM5069 should be made using Kelvin techniques. In the
suggested layout of Figure 8 the small pads at the lower
corners of the sense resistor connect only to the sense
resistor terminals, and not to the traces carrying the high
current. With this technique, only the voltage across the
sense resistor is applied to VIN and SENSE, eliminating the
voltage drop across the high current solder connections.
POWER LIMIT THRESHOLD
The LM5069 determines the power dissipation in the exter-
nal MOSFET (Q1) by monitoring the drain current (the cur-
rent in R
S), and the VDS of Q1 (SENSE to OUT pins). The
resistor at the PWR pin (R
PWR) sets the maximum power
dissipation for Q1, and is calculated from the following equa-
tion:
R
PWR =1.25x10
5 xR
S xPFET(LIM)
(2)
where P
FET(LIM) is the desired power limit threshold for Q1,
and R
S is the current sense resistor described in the Current
20197217
FIGURE 7. Shutdown Control
20197219
FIGURE 8. Sense Resistor Connections
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com