Electronic Components Datasheet Search
  English  ▼

X  

LM5069 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5069
Description  Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5069 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM5069 Datasheet HTML 11Page - National Semiconductor (TI) LM5069 Datasheet HTML 12Page - National Semiconductor (TI) LM5069 Datasheet HTML 13Page - National Semiconductor (TI) LM5069 Datasheet HTML 14Page - National Semiconductor (TI) LM5069 Datasheet HTML 15Page - National Semiconductor (TI) LM5069 Datasheet HTML 16Page - National Semiconductor (TI) LM5069 Datasheet HTML 17Page - National Semiconductor (TI) LM5069 Datasheet HTML 18Page - National Semiconductor (TI) LM5069 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Application Information
(Refer to Figure 1) (Continued)
Limit section. For example, if R
S is 10 m
Ω , and the desired
power limit threshold is 60W, R
PWR calculates to 75 k
Ω.If
Q1’s power dissipation reaches the threshold Q1’s gate is
modulated to reduce the load current, keeping Q1’s power
from exceeding the threshold. For proper operation of the
power limiting feature, R
PWR must be
≤150 kΩ. While the
power limiting circuit is active, the fault timer is active as
described in the Fault Timer & Restart section. Typically,
power limit is reached during startup, or if the output voltage
falls due to a severe overload or short circuit.
The programmed maximum power dissipation should have a
reasonable margin from the maximum power defined by the
FET’s SOA chart if the LM5069-2 is used since the FET will
be repeatedly stressed during fault restart cycles. The FET
manufacturer should be consulted for guidelines.
If the application does not require use of the power limit
function the PWR pin can be left open.
TURN-ON TIME
The output turn-on time depends on whether the LM5069
operates in current limit, or in both power limit and current
limit, during turn-on.
A) Turn-on with current limit only: The current limit thresh-
old (I
LIM) is determined by the current sense resistor (RS). If
the current limit threshold is less than the current defined by
the power limit threshold at maximum V
DS the circuit oper-
ates at the current limit threshold only during turn-on. Refer-
ring to Figure 11a, as the load current reaches I
LIM, the
gate-to-source voltage is controlled at V
GSL to maintain the
current at I
LIM. As the output voltage reaches its final value
(V
DS
) 0V) the drain current reduces to its normal operating
value, and the gate is charged to approximately 12V
(V
GATE). The time for the OUT pin voltage to transition from
zero volts to V
SYS is equal to:
where C
L is the load capacitance. For example, if VSYS =
48V, C
L = 1000 µF, and ILIM = 1A, tON calculates to 48 ms.
The maximum instantaneous power dissipated in the MOS-
FET is 48W. This calculation assumes the time from t1 to t2
in Figure 11a is small compared to t
ON, and the load does not
draw any current until after the output voltage has reached
its final value, and PGD switches high (Figure 9). If the load
draws current during the turn-on sequence (Figure 10), the
turn-on time is longer than the above calculation, and is
approximately equal to:
where R
L is the load resistance. The Fault Timeout Period
must be set longer than t
ON to prevent a fault shutdown
before the turn-on sequence is complete.
B) Turn-on with power limit and current limit: The maxi-
mum allowed power dissipation in Q1 (P
FET(LIM)) is defined
by the resistor at the PWR pin, and the current sense resistor
R
S. See the Power Limit Threshold section. If the current
limit threshold (I
LIM) is higher than the current defined by the
power limit threshold at maximum V
DS (PFET(LIM)/VSYS) the
circuit operates initially at the power limit mode when the
V
DS of Q1 is high, and then transitions to current limit mode
as the current increases to I
LIM and VDS decreases. See
Figure 11b. Assuming the load (R
L) is not connected during
turn-on, the time for the output voltage to reach its final value
is approximately equal to:
For example, if V
SYS = 48V, CL = 1000 µF, ILIM = 1A, and
P
FET(LIM) = 20W, tON calculates to
)68 ms, and the initial
current level (I
P) is approximately 0.42A. The Fault Timeout
Period must be set longer than t
ON.
20197222
FIGURE 9. No Load Current During Turn-On
20197223
FIGURE 10. Load Draws Current During Turn-On
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com