Electronic Components Datasheet Search
  English  ▼

X  

LM5069 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5069
Description  Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5069 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM5069 Datasheet HTML 5Page - National Semiconductor (TI) LM5069 Datasheet HTML 6Page - National Semiconductor (TI) LM5069 Datasheet HTML 7Page - National Semiconductor (TI) LM5069 Datasheet HTML 8Page - National Semiconductor (TI) LM5069 Datasheet HTML 9Page - National Semiconductor (TI) LM5069 Datasheet HTML 10Page - National Semiconductor (TI) LM5069 Datasheet HTML 11Page - National Semiconductor (TI) LM5069 Datasheet HTML 12Page - National Semiconductor (TI) LM5069 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Block Diagram
20197210
Functional Description
The LM5069 is designed to control the in-rush current to the
load upon insertion of a circuit card into a live backplane or
other "hot" power source, thereby limiting the voltage sag on
the backplane’s supply voltage, and the dV/dt of the voltage
applied to the load. Effects on other circuits in the system are
minimized, preventing possible unintended resets. A con-
trolled shutdown when the circuit card is removed can also
be implemented using the LM5069. In addition to a program-
mable current limit, the LM5069 monitors and limits the
maximum power dissipation in the series pass device to
maintain operation within the device Safe Operating Area
(SOA). Either current limiting or power limiting for an ex-
tended period of time results in the shutdown of the series
pass device. In this event, the LM5069-1 latches off until the
circuit is re-enabled by external control, while the LM5069-2
automatically restarts with defined timing. The circuit breaker
function quickly switches off the series pass device upon
detection of a severe over-current condition. The Power
20197211
FIGURE 1. Basic Application Circuit
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com