Electronic Components Datasheet Search
  English  ▼

X  

LM5069 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5069
Description  Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5069 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM5069 Datasheet HTML 12Page - National Semiconductor (TI) LM5069 Datasheet HTML 13Page - National Semiconductor (TI) LM5069 Datasheet HTML 14Page - National Semiconductor (TI) LM5069 Datasheet HTML 15Page - National Semiconductor (TI) LM5069 Datasheet HTML 16Page - National Semiconductor (TI) LM5069 Datasheet HTML 17Page - National Semiconductor (TI) LM5069 Datasheet HTML 18Page - National Semiconductor (TI) LM5069 Datasheet HTML 19Page - National Semiconductor (TI) LM5069 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Application Information
(Refer to Figure 1) (Continued)
MOSFET SELECTION
It is recommended that the external MOSFET (Q1) selection
be based on the following criteria:
-
The BV
DSS rating should be greater than the maximum
system voltage (V
SYS), plus ringing and transients which can
occur at V
SYS when the circuit card, or adjacent cards, are
inserted or removed.
-
The maximum continuous current rating should be based
on the current limit threshold (55 mV/R
S), not the maximum
load current, since the circuit can operate near the current
limit threshold continuously.
-
The Pulsed Drain Current spec (I
DM) must be greater
than the current threshold for the circuit breaker function
(105 mV/R
S).
-
The SOA (Safe Operating Area) chart of the device, and
the thermal properties, should be used to determine the
maximum power dissipation threshold set by the R
PWR re-
sistor. The programmed maximum power dissipation should
have a reasonable margin from the maximum power defined
by the FET’s SOA chart if the LM5069-2 is used since the
FET will be repeatedly stressed during fault restart cycles.
The FET manufacturer should be consulted for guidelines.
-R
DS(on) should be sufficiently low that the power dissipa-
tion at maximum load current (I
L(max)
2 xR
DS(on)) does not
raise its junction temperature above the manufacturer’s rec-
ommendation.
If the device chosen for Q1 has a maximum V
GS rating less
than 12V, an external zener diode must be added from its
gate to source, with the zener voltage less than the maxi-
mum V
GS rating. The zener diode’s forward current rating
must be at least 250 mA to conduct the GATE pull-down
current during startup and in the circuit breaker mode.
TIMER CAPACITOR, C
T
The TIMER pin capacitor (C
T) sets the timing for the inser-
tion time delay, fault timeout period, and restart timing of the
LM5069-2.
A) Insertion Delay - Upon applying the system voltage
(V
SYS) to the circuit, the external MOSFET (Q1) is held off
during the insertion time (t1 in Figure 3) to allow ringing and
transients at V
SYS to settle. Since each backplane’s re-
sponse to a circuit card plug-in is unique, the worst case
settling time must be determined for each application. The
insertion time starts when VIN reaches the POR
IT threshold,
at which time the internal 5.5 µA current source charges C
T
from 0V to 4.0V. The required capacitor value is calculated
from:
For example, if the desired insertion delay is 250 ms, C
T
calculates to 0.345 µF. At the end of the insertion delay, C
T is
quickly discharged by a 1.5 mA current sink.
B) Fault Timeout Period - During in-rush current limiting or
upon detection of a fault condition where the current limit
and/or power limit circuits regulate the current through Q1,
the fault timer current source (85 µA) is switched on to
charge C
T. The Fault Timeout Period is the time required for
the TIMER pin voltage to reach 4.0V, at which time Q1 is
switched off. The required capacitor value for the desired
Fault Timeout Period t
FAULT is calculated from:
(3)
For example, if the desired Fault Timeout Period is 16 ms,
C
T calculates to 0.34 µF. After the Fault Timeout Period, the
LM5069-1 latches the GATE pin low until a power up se-
quence is initiated by external circuitry. C
T is discharged by
the 2.5 µA current sink at the end of the Fault Timeout
Period. See the Fault Timer and Restart section and Figure
5. When the Fault Timeout Period of the LM5069-2 expires,
a restart sequence starts as described below (Restart Tim-
ing). Since the LM5069 normally operates in power limit
and/or current limit during a power up sequence, the Fault
Timeout Period must be longer than the time required for the
output voltage to reach its final value. See the Turn-on Time
section.
C) Restart Timing For the LM5069-2, after the Fault Tim-
eout Period described above, C
T is discharged by the 2.5 µA
current sink to 1.25V. The TIMER pin then cycles through
20197225
FIGURE 11. MOSFET Power Up Waveforms
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com