Electronic Components Datasheet Search
  English  ▼

X  

LM5069 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5069
Description  Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5069 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LM5069 Datasheet HTML 14Page - National Semiconductor (TI) LM5069 Datasheet HTML 15Page - National Semiconductor (TI) LM5069 Datasheet HTML 16Page - National Semiconductor (TI) LM5069 Datasheet HTML 17Page - National Semiconductor (TI) LM5069 Datasheet HTML 18Page - National Semiconductor (TI) LM5069 Datasheet HTML 19Page - National Semiconductor (TI) LM5069 Datasheet HTML 20Page - National Semiconductor (TI) LM5069 Datasheet HTML 21Page - National Semiconductor (TI) LM5069 Datasheet HTML 22Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
PC Board Guidelines
The following guidelines should be followed when designing
the PC board for the LM5069:
•
Place the LM5069 close to the board’s input connector to
minimize trace inductance from the connector to the FET.
•
Place a small capacitor (1000 pF) directly adjacent to the
VIN and GND pins of the LM5069 to help minimize
transients which may occur on the input supply line.
Transients of several volts can easily occur when the
load current is shut off.
•
The sense resistor (R
S) should be close to the LM5069,
and connected to it using the Kelvin techniques shown in
Figure 8.
•
The high current path from the board’s input to the load
(via Q1), and the return path, should be parallel and close
to each other to minimize loop inductance.
•
The ground connection for the various components
around the LM5069 should be connected directly to each
other, and to the LM5069’s GND pin, and then connected
to the system ground at one point. Do not connect the
various component grounds to each other through the
high current ground line.
•
Provide adequate heat sinking for the series pass device
(Q1) to help reduce stresses during turn-on and turn-off.
•
The board’s edge connector can be designed to shut off
the LM5069 as the board is removed, before the supply
voltage is disconnected from the LM5069. In Figure 17
the voltage at the UVLO pin goes to ground before V
SYS
is removed from the LM5069 due to the shorter edge
connector pin. When the board is inserted into the edge
connector, the system voltage is applied to the LM5069’s
VIN pin before the UVLO voltage is taken high.
System Considerations
A) Continued proper operation of the LM5069 hot swap
circuit requires capacitance be present on the supply side of
the connector into which the hot swap circuit is plugged in,
as depicted in Figure 2. The capacitor in the “Live Back-
plane” section is necessary to absorb the transient gener-
ated whenever the hot swap circuit shuts off the load current.
If the capacitance is not present, inductance in the supply
lines will generate a voltage transient at shut-off which can
exceed the absolute maximum rating of the LM5069, result-
ing in its destruction.
B) If the load powered via the LM5069 hot swap circuit has
inductive characteristics, a diode is required across the
LM5069’s output. The diode provides a recirculating path for
the load’s current when the LM5069 shuts off that current.
Adding the diode prevents possible damage to the LM5069
as the OUT pin will be taken below ground by the inductive
load at shutoff. See Figure 18.
20197253
FIGURE 17. Recommended Board Connector Design
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com