Electronic Components Datasheet Search
  English  ▼

X  

LM5069 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5069
Description  Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5069 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM5069 Datasheet HTML 1Page - National Semiconductor (TI) LM5069 Datasheet HTML 2Page - National Semiconductor (TI) LM5069 Datasheet HTML 3Page - National Semiconductor (TI) LM5069 Datasheet HTML 4Page - National Semiconductor (TI) LM5069 Datasheet HTML 5Page - National Semiconductor (TI) LM5069 Datasheet HTML 6Page - National Semiconductor (TI) LM5069 Datasheet HTML 7Page - National Semiconductor (TI) LM5069 Datasheet HTML 8Page - National Semiconductor (TI) LM5069 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
VIN to GND (Note 5)
-0.3V to 100V
SENSE, OUT, PGD to GND
-0.3V to 100V
GATE to GND (Note 5)
-0.3V to 100V
UVLO to GND
-0.3V to 100V
OVLO to GND
-0.3V to 7V
VIN to SENSE
-0.3V to +0.3V
ESD Rating (Note 2)
Human Body Model
2kV
Storage Temperature
-65˚C to +150˚C
Junction Temperature
+150˚C
Operating Ratings
VIN Supply Voltage
+9.0V to 80V
PGD Off Voltage
0V to 80V
Junction Temp. Range
−40˚C to +125˚C
Electrical Characteristics Limits in standard type are for T
J = 25˚C only; limits in boldface type apply over
the junction temperature (T
J) range of -40˚C to +125˚C. Minimum and Maximum limits are guaranteed through test, design, or
statistical correlation. Typical values represent the most likely parametric norm at T
J = 25˚C, and are provided for reference
purposes only. Unless otherwise stated the following conditions apply: VIN = 48V.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Input (VIN pin)
I
IN-EN
Input Current, enabled
UVLO > 2.5V and OVLO < 2.5V
1.3
1.6
mA
I
IN-DIS
Input Current, disabled
UVLO <2.5V or OVLO >2.5V
480
650
µA
POR
IT
Power On Reset threshold at VIN to
trigger insertion timer
VIN Increasing
7.6
8.0
V
POR
EN
Power On Reset threshold at VIN to
enable all functions
VIN increasing
8.8
9.0
V
POR
EN-HYS
POR
EN hysteresis
VIN decreasing
90
mV
OUT pin
I
OUT-EN
OUT bias current, enabled
OUT = VIN, Normal operation
11
µA
I
OUT-DIS
OUT bias current, disabled (Note 3)
Disabled, OUT = 0V, SENSE = VIN
50
UVLO, OVLO pins
UVLO
TH
UVLO threshold
2.45
2.5
2.55
V
UVLO
HYS
UVLO hysteresis current
UVLO = 1V
12
21
30
µA
UVLO
DEL
UVLO delay
Delay to GATE high
55
µs
Delay to GATE low
11
UVLO
BIAS
UVLO bias current
UVLO = 48V
1
µA
OVLO
TH
OVLO threshold
2.40
2.5
2.60
V
OVLO
HYS
OVLO hysteresis current
OVLO = 2.6V
12
21
30
µA
OVLO
DEL
OVLO delay
Delay to GATE high
55
µs
Delay to GATE low
11
OVLO
BIAS
OVLO bias current
OVLO = 2.4V
1
µA
Power Limit (PWR pin)
PWR
LIM-1
Power limit sense voltage (VIN-SENSE)
SENSE-OUT = 48V, R
PWR = 150
k
Ω
19
25
31
mV
PWR
LIM-2
SENSE-OUT = 24V, R
PWR =75k
Ω
25
mV
I
PWR
PWR pin current
V
PWR = 2.5V
20
µA
Gate Control (GATE pin)
I
GATE
Source current
Normal Operation, GATE-OUT =
5V
10
16
22
µA
Sink current
UVLO < 2.5V
1.75
2
2.6
mA
VIN - SENSE = 150 mV or VIN <
POR
IT,VGATE =5V
45
110
175
mA
V
GATE
Gate output voltage in normal operation
GATE-OUT voltage
11.4
12
12.6
V
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com