Electronic Components Datasheet Search
  English  ▼

X  

LM5069 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5069
Description  Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5069 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM5069 Datasheet HTML 6Page - National Semiconductor (TI) LM5069 Datasheet HTML 7Page - National Semiconductor (TI) LM5069 Datasheet HTML 8Page - National Semiconductor (TI) LM5069 Datasheet HTML 9Page - National Semiconductor (TI) LM5069 Datasheet HTML 10Page - National Semiconductor (TI) LM5069 Datasheet HTML 11Page - National Semiconductor (TI) LM5069 Datasheet HTML 12Page - National Semiconductor (TI) LM5069 Datasheet HTML 13Page - National Semiconductor (TI) LM5069 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Functional Description (Continued)
Good (PGD) output pin indicates when the output voltage is
within 1.25V of the system input voltage (V
SYS). Program-
mable under-voltage lock-out (UVLO) and over-voltage lock-
out (OVLO) circuits shut down the LM5069 when the system
input voltage is outside the desired operating range. The
typical configuration of a circuit card with LM5069 hot swap
protection is shown in Figure 2.
Power Up Sequence
The VIN operating range of the LM5069 is +9V to +80V, with
a transient capability to +100V. Referring to the Block Dia-
gram and Figures 1 and 3, as the voltage at VIN initially
increases, the external N-channel MOSFET (Q1) is held off
by an internal 230 mA pull-down current at the GATE pin.
The strong pull-down current at the GATE pin prevents an
inadvertent turn-on as the MOSFET’s gate-to-drain (Miller)
capacitance is charged. Additionally, the TIMER pin is ini-
tially held at ground. When the VIN voltage reaches the
POR
IT threshold (7.6V) the insertion time begins. During the
insertion time, the capacitor at the TIMER pin (C
T) is charged
by a 5.5 µA current source, and Q1 is held off bya2mA
pull-down current at the GATE pin regardless of the VIN
voltage. The insertion time delay allows ringing and tran-
sients at VIN to settle before Q1 can be enabled. The
insertion time ends when the TIMER pin voltage reaches
4.0V. C
T is then quickly discharged by an internal 1.5 mA
pull-down current. After the insertion time, the LM5069 con-
trol circuitry is enabled when VIN reaches the POR
EN thresh-
old (8.8V). The GATE pin then switches on Q1 when V
SYS
exceeds the UVLO threshold (UVLO pin >2.5V). If V
SYS is
above the UVLO threshold at the end of the insertion time,
Q1 switches on at that time. The GATE pin charge pump
sources 16 µA to charge Q1’s gate capacitance. The maxi-
mum gate-to-source voltage of Q1 is limited by an internal
12V zener diode.
As the voltage at the OUT pin increases, the LM5069 moni-
tors the drain current and power dissipation of MOSFET Q1.
In-rush current limiting and/or power limiting circuits actively
control the current delivered to the load. During the in-rush
limiting interval (t2 in Figure 3) an internal 85 µA fault timer
current source charges C
T. If Q1’s power dissipation and the
input current reduce below their respective limiting thresh-
olds before the TIMER pin reaches 4.0V the 85 µA current
source is switched off, and C
T is discharged by the internal
2.5 µA current sink (t3 in Figure 3). The in-rush limiting
interval is complete when the voltage at the OUT pin in-
creases to within 1.25V of the input voltage (V
SYS), and the
PGD pin switches high.
If the TIMER pin voltage reaches 4.0V before in-rush current
limiting or power limiting ceases (during t2), a fault is de-
clared and Q1 is turned off. See the Fault Timer & Restart
section for a complete description of the fault mode.
20197212
FIGURE 2. LM5069 Application
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com