Electronic Components Datasheet Search
  English  ▼

X  

LM5069 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5069
Description  Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5069 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM5069 Datasheet HTML 1Page - National Semiconductor (TI) LM5069 Datasheet HTML 2Page - National Semiconductor (TI) LM5069 Datasheet HTML 3Page - National Semiconductor (TI) LM5069 Datasheet HTML 4Page - National Semiconductor (TI) LM5069 Datasheet HTML 5Page - National Semiconductor (TI) LM5069 Datasheet HTML 6Page - National Semiconductor (TI) LM5069 Datasheet HTML 7Page - National Semiconductor (TI) LM5069 Datasheet HTML 8Page - National Semiconductor (TI) LM5069 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM5069
Positive High Voltage Hot Swap / Inrush Current
Controller with Power Limiting
General Description
The LM5069 positive hot swap controller provides intelligent
control of the power supply connections during insertion and
removal of circuit cards from a live system backplane or
other "hot" power sources. The LM5069 provides in-rush
current control to limit system voltage droop and transients.
The current limit and power dissipation in the external series
pass N-Channel MOSFET are programmable, ensuring op-
eration within the Safe Operating Area (SOA). The POWER
GOOD output indicates when the output voltage is within
1.25V of the input voltage. The input under-voltage and
over-voltage lockout levels and hysteresis are program-
mable, as well as the initial insertion delay time and fault
detection time. The LM5069-1 latches off after a fault detec-
tion, while the LM5069-2 automatically restarts at a fixed
duty cycle. The LM5069 is available in a 10 pin MSOP
package.
Features
n
Wide operating range: +9V to +80V
n
In-rush current limit for safe board insertion into live
power sources
n
Programmable maximum power dissipation in the
external pass device
n
Adjustable current limit
n
Circuit breaker function for severe over-current events
n
Internal high side charge pump and gate driver for
external N-channel MOSFET
n
Adjustable under-voltage lockout (UVLO) and hysteresis
n
Adjustable over-voltage lockout (OVLO) and hysteresis
n
Initial insertion timer allows ringing and transients to
subside after system connection
n
Programmable fault timer avoids nuisance trips
n
Active high open drain POWER GOOD output
n
Available in latched fault and automatic restart versions
Applications
n
Server Backplane Systems
n
Base Station Power Distribution Systems
n
Solid State Circuit Breaker
n
24V/48V Industrial Systems
Package
n
MSOP-10
Typical Application
20197201
Positive Power Supply Control
September 2006
© 2006 National Semiconductor Corporation
DS201972
www.national.com


Similar Part No. - LM5069

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5069 NSC-LM5069 Datasheet
1,006Kb / 22P
Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
LM5069 NSC-LM5069 Datasheet
335Kb / 8P
Output Voltage Clamping Using the LM5069 Hot Swap Controller
logo
Texas Instruments
LM5069 TI-LM5069 Datasheet
1Mb / 28P
LM5069 Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
logo
National Semiconductor ...
LM5069MM-1 NSC-LM5069MM-1 Datasheet
1,006Kb / 22P
Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
logo
Texas Instruments
LM5069MM-1/NOPB TI-LM5069MM-1/NOPB Datasheet
1Mb / 28P
LM5069 Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
More results

Similar Description - LM5069

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5069 NSC-LM5069_08 Datasheet
1,006Kb / 22P
Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
LM25061 NSC-LM25061 Datasheet
602Kb / 22P
Positive Low Voltage Power Limiting Hot Swap Controller
LM25069 NSC-LM25069 Datasheet
617Kb / 24P
Positive Low Voltage Power Limiting Hot Swap Controller
LM5067 NSC-LM5067 Datasheet
768Kb / 24P
Negative Hot Swap / Inrush Current Controller with Power Limiting
logo
Texas Instruments
LM5069 TI-LM5069 Datasheet
1Mb / 28P
LM5069 Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
LM25069 TI1-LM25069_14 Datasheet
1Mb / 30P
Positive Low Voltage Power Limiting Hot Swap Controller
LM5067 TI1-LM5067_14 Datasheet
2Mb / 33P
Negative Hot Swap / Inrush Current Controller with Power Limiting
LM25061 TI1-LM25061 Datasheet
1Mb / 29P
Positive Low Voltage Power Limiting Hot Swap Controller
TPS2490 TI1-TPS2490_17 Datasheet
1Mb / 36P
Positive High-Voltage Power-Limiting Hot Swap Controller
LM5067 TI-LM5067_V01 Datasheet
4Mb / 49P
LM5067 Negative Hot Swap / Inrush Current Controller with Power Limiting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com