Electronic Components Datasheet Search
  English  ▼

X  

DP83255 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83255
Description  PLAYER Device (FDDI Physical Layer Controller)
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83255 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button DP83255 Datasheet HTML 14Page - National Semiconductor (TI) DP83255 Datasheet HTML 15Page - National Semiconductor (TI) DP83255 Datasheet HTML 16Page - National Semiconductor (TI) DP83255 Datasheet HTML 17Page - National Semiconductor (TI) DP83255 Datasheet HTML 18Page - National Semiconductor (TI) DP83255 Datasheet HTML 19Page - National Semiconductor (TI) DP83255 Datasheet HTML 20Page - National Semiconductor (TI) DP83255 Datasheet HTML 21Page - National Semiconductor (TI) DP83255 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 96 page
background image
40 Modes of Operation (Continued)
44 CASCADE MODE
The PLAYER device can operate in the Cascade (parallel)
mode
Figure 4-4
which is used in high bandwidth point-
to-point data transfer applications This is a non-FDDI mode
of operation
CONCEPTS
In the Cascade mode multiple PLAYER devices are con-
nected together to provide data transfer at multiples of the
FDDI data rate Two cascaded PLAYER devices provide a
data rate twice the FDDI data rate three cascaded PLAYER
devices provide a data rate three times the FDDI data rate
etc
Multiple data streams are transmitted in parallel over each
pair of cascaded PLAYER devices All data streams start
simultaneously and begin with the JK symbol pair on each
PLAYER device
Data is synchronized at the receiver of each PLAYER de-
vice by the JK symbol pair Upon receiving a JK symbol pair
a PLAYER device asserts the Cascade Ready signal to indi-
cate the beginning of data reception
The Cascade Ready signals of all PLAYER devices are
open drain ANDed together to create the Cascade Start
signal The Cascade Start signal is used as the input to
indicate that all PLAYER devices have received the JK sym-
bol pair Data is now being received at every PLAYER de-
vice and can be transferred from the cascaded PLAYER
devices to the host system
See
Figure 4-5 for more information
OPERATING RULES
When the PLAYER device is operating in Cascade mode
the following rules apply
1 Data integrity can be guaranteed if the worst case fiber
optic transmission skew between parallel fiber cables is
less than 40 ns This amounts to about 785 meters of
fiber assuming a 1% worst case variance
2 Even though this is a non-FDDI application the general
rules for FDDI frames must be obeyed
 Data frames must be a minimum of three bytes long (in-
cluding the JK symbol pair) Smaller frames will cause
Elasticity Buffer errors
 Data frames must have a maximum size of 4500 bytes
with a JK starting delimiter and a (T or R or S)x or x(T or
R or S) ending delimiter byte
3 Due to the different clock rates the JK symbol pair may
arrive at different times at each PLAYER device The total
skew between the fastest and slowest cascaded PLAY-
ER devices receiving the JK starting delimiter must not
exceed 80 ns
4 The first PLAYER device to receive a JK symbol pair will
present it to the host system and assert the Cascade
Ready signal The PLAYER device will present one more
JK as it waits for the other PLAYER devices to recognize
their JK The maximum number of consecutive JKs that
can be presented to the host is 2
5 The Cascade Start signal is set to 1 when all the cascad-
ed PLAYER devices release their Cascade Ready sig-
nals
6 Bit 4 (CSE) of the Receive Condition Register B (RCRB)
is set to 1 if the Cascade Start signal (CS) is
not set
before the second falling edge of clock signal LBC from
when Cascade Ready (CR) was released CS has to be
set within approximately 80 ns of CR release This condi-
tion signifies that not all cascaded PLAYERs have re-
ceived their respective JK symbol pair within the allowed
skew range
7 If the JK symbols are corrupted in the point-to-point links
some PLAYER devices may not report a Cascaded Syn-
chronization Error
8 To guarantee integrity of the interframe information the
user must put at least 8 Idle symbol pairs between
frames The PLAYER device will function properly with
only 4 Idle symbol pairs however the interframe symbols
may be corrupted with random non-JK symbols
The BMAC device could be used to provide required fram-
ing and optical FCS support
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com