Electronic Components Datasheet Search
  English  ▼

X  

DP83255 Datasheet(PDF) 71 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83255
Description  PLAYER Device (FDDI Physical Layer Controller)
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83255 Datasheet(HTML) 71 Page - National Semiconductor (TI)

Back Button DP83255 Datasheet HTML 67Page - National Semiconductor (TI) DP83255 Datasheet HTML 68Page - National Semiconductor (TI) DP83255 Datasheet HTML 69Page - National Semiconductor (TI) DP83255 Datasheet HTML 70Page - National Semiconductor (TI) DP83255 Datasheet HTML 71Page - National Semiconductor (TI) DP83255 Datasheet HTML 72Page - National Semiconductor (TI) DP83255 Datasheet HTML 73Page - National Semiconductor (TI) DP83255 Datasheet HTML 74Page - National Semiconductor (TI) DP83255 Datasheet HTML 75Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 96 page
background image
60 Pin Descriptions (Continued)
PHY PORT INTERFACE
The PHY Port Interface consists of IO signals used to connect the PLAYER Device to the Media Access Control (MAC)
sublayer or other PLAYER Devices The DP83255 Device has two PHY Port Interfaces The A
Request and A
Indicate paths
form one PHY Port Interface and the B
Request and B
Indicate paths form the second PHY Port Interface Each path
consists of an odd parity bit a control bit and two 4-bit symbols
Refer to Section 33 the Configuration Switch for more information
Symbol
Pin No
IO
Description
AIP
24
O
PHY Port A Indicate Parity
A TTL output signal representing odd parity for the 10-bit
wide Port A Indicate signals (AIP AIC and AIDk70l)
AIC
26
O
PHY Port A Indicate Control
A TTL output signal indicating that the two 4-bit symbols
(AIDk74l and AIDk30l) are either control symbols (AIC e 1) or data symbols (AIC
e
0)
AID7
28
O
PHY Port A Indicate Data
TTL output signals representing the first 4-bit datacontrol
symbol
AID6
30
AID5
33
AID7 is the most significant bit and AID4 is the least significant bit of the first symbol
AID4
36
AID3
39
O
PHY Port A Indicate Data
TTL output signals representing the second 4-bit data
control symbol
AID2
41
AID1
43
AID3 is the most significant bit and AID0 is the least significant bit of the second symbol
AID0
45
ARP
25
I
PHY Port A Request Parity
A TTL input signal representing odd parity for the 10-bit
wide Port A Request signals (ARP ARC and ARDk70l)
ARC
27
I
PHY Port A Request Control
A TTL input signal indicating that the two 4-bit symbols
(ARDk74l and ARDk30l) are either control symbols (ARC e 1) or data symbols
(ARC e 0)
ARD7
29
I
PHY Port A Request Data
TTL input signals representing the first 4 bit datacontrol
symbol
ARD6
31
ARD7 is the most significant bit and ARD4 is the least significant bit of the first symbol
ARD5
34
ARD4
37
ARD3
40
I
PHY Port A Request Data
TTL input signals representing the second 4-bit datacontrol
symbol
ARD2
42
ARD3 is the most significant bit and ARD0 is the least significant bit of the second
ARD1
44
symbol
ARD0
46
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com