Electronic Components Datasheet Search
  English  ▼

X  

DP83255 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83255
Description  PLAYER Device (FDDI Physical Layer Controller)
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83255 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button DP83255 Datasheet HTML 19Page - National Semiconductor (TI) DP83255 Datasheet HTML 20Page - National Semiconductor (TI) DP83255 Datasheet HTML 21Page - National Semiconductor (TI) DP83255 Datasheet HTML 22Page - National Semiconductor (TI) DP83255 Datasheet HTML 23Page - National Semiconductor (TI) DP83255 Datasheet HTML 24Page - National Semiconductor (TI) DP83255 Datasheet HTML 25Page - National Semiconductor (TI) DP83255 Datasheet HTML 26Page - National Semiconductor (TI) DP83255 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 96 page
background image
50 Registers (Continued)
CONFIGURATION REGISTER (CR)
The Configuration Register controls the Configuration Switch Block and enablesdisables both the A and B Indicate output
ports
Note that the B
Indicate output port is offered only on the DP83255 (for Dual Attach Stations) and not in the DP83251 (for
Single Attach Stations)
For further information refer to Section 33 Configuration Switch
ACCESS RULES
ADDRESS
READ
WRITE
01h
Always
Always
D7
D6
D5
D4
D3
D2
D1
D0
BIE
AIE
TRS1
TRS0
BIS1
BIS0
AIS1
AIS0
Bit
Symbol
Description
D0 D1
AIS0 AIS1
A
INDICATE SELECTOR k0 1l
The A
Indicate Selector k0 1l bits select one of the four
Configuration Switch data buses for the A
Indicate output port (AIP AIC AID k70l)
AIS1
AIS0
0
0
PHY Invalid Bus
0
1
Receiver Bus
10
A
Request Bus
11
B
Request Bus
D2 D3
BIS0 BIS1
B
INDICATE SELECTOR k0 1l
The B
Indicate Selector k0 1l bits select one of the four
Configuration Switch data buses for the B
Indicate output port (BIP BIC BID k70l)
BIS1
BIS0
0
0
PHY Invalid Bus
0
1
Receiver Bus
10
A
Request Bus
11
B
Request Bus
Note
Even though this bit can be set andor cleared in the DP83251 (for Single Attach Stations) it will not affect
any IOs since the DP83251 does not offer a B
Indicate port
D4 D5
TRS0 TRS1
TRANSMIT REQUEST SELECTOR k0 1l
The Transmit Request Selector k0 1l bits select
one of the four Configuration Switch data buses for the input to the Transmitter Block
TRS1
TRS0
0
0
PHY Invalid Bus
0
1
Receiver Bus
10
A
Request Bus
11
B
Request Bus
Note
If the PLAYER device is in Active Transmit Mode (ie the Transmit Mode bits (TMk20l) of the Current
Transmit State Register (CTSR) are set to 000) and the PHY Invalid Bus is selected then the PLAYER device will
transmit a maximum of four Halt symbol pairs and then continuous Idle symbols due to the Repeat Filter
D6
AIE
A
INDICATE ENABLE
0 Disables the A
Indicate output port The A
Indicate port pins will be at TRI-STATE when
the port is disabled
1 Enables the A
Indicate output port (AIP AIC AIDk70l)
D7
BIE
B
INDICATE ENABLE
0 Disable the B
Indicate output port The B
Indicate port pins will be at TRI-STATE
when the port is disabled
1 Enables the B
Indicate output port (BIP BIC BIDk70l)
Note
Even though this bit can be set andor cleared in the DP83251 (for Single Attach Stations) it will not affect
any IOs since the DP83251 does not offer a B
Indicate port
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com