Electronic Components Datasheet Search
  English  ▼

X  

DP83255 Datasheet(PDF) 69 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83255
Description  PLAYER Device (FDDI Physical Layer Controller)
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83255 Datasheet(HTML) 69 Page - National Semiconductor (TI)

Back Button DP83255 Datasheet HTML 65Page - National Semiconductor (TI) DP83255 Datasheet HTML 66Page - National Semiconductor (TI) DP83255 Datasheet HTML 67Page - National Semiconductor (TI) DP83255 Datasheet HTML 68Page - National Semiconductor (TI) DP83255 Datasheet HTML 69Page - National Semiconductor (TI) DP83255 Datasheet HTML 70Page - National Semiconductor (TI) DP83255 Datasheet HTML 71Page - National Semiconductor (TI) DP83255 Datasheet HTML 72Page - National Semiconductor (TI) DP83255 Datasheet HTML 73Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 96 page
background image
60 Pin Descriptions (Continued)
TABLE 6-2 DP83255 Pinout Summary
(Continued)
Pin No
Signal Name
Symbol
IO
ECLTTLOpen
DrainPower
106
PHY Port B Request Datak7l
BRD7
I
TTL
107
PHY Port B Indicate Control
BIC
O
TTL
108
PHY Port B Request Control
BRC
I
TTL
109
PHY Port B Indicate Parity
BIP
O
TTL
110
PHY Port B Request Parity
BRP
I
TTL
111
E
PLAYER Device Reset
RST
I
TTL
112
Read EWrite
RW
I
TTL
113
Chip Enable
CE
I
TTL
114
E
Interrupt
INT
O
Open Drain
115
No Connect
NC
116
No Connect
NC
117
No Connect
NC
118
No Connect
NC
119
No Connect
NC
120
No Connect
NC
121
No Connect
NC
122
No Connect
NC
123
E
Acknowledge
ACK
O
Open Drain
124
Control Bus Addressk0l
CBA0
I
TTL
125
Control Bus Addressk1l
CBA1
I
TTL
126
Control Bus Addressk2l
CBA2
I
TTL
127
Control Bus Addressk3l
CBA3
I
TTL
128
Control Bus Addressk4l
CBA4
I
TTL
129
CMOS Logic Power
VCC
a
5V
130
Control Bus Datak0l
CBD0
IO
TTL
131
Control Bus Datak1l
CBD1
IO
TTL
132
CMOS Logic Ground
GND
a
0V
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com