Electronic Components Datasheet Search
  English  ▼

X  

DP83255 Datasheet(PDF) 73 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83255
Description  PLAYER Device (FDDI Physical Layer Controller)
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83255 Datasheet(HTML) 73 Page - National Semiconductor (TI)

Back Button DP83255 Datasheet HTML 69Page - National Semiconductor (TI) DP83255 Datasheet HTML 70Page - National Semiconductor (TI) DP83255 Datasheet HTML 71Page - National Semiconductor (TI) DP83255 Datasheet HTML 72Page - National Semiconductor (TI) DP83255 Datasheet HTML 73Page - National Semiconductor (TI) DP83255 Datasheet HTML 74Page - National Semiconductor (TI) DP83255 Datasheet HTML 75Page - National Semiconductor (TI) DP83255 Datasheet HTML 76Page - National Semiconductor (TI) DP83255 Datasheet HTML 77Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 96 page
background image
60 Pin Descriptions (Continued)
CONTROL BUS INTERFACE
The Control Bus Interface consists of IO signals used to connect the PLAYER device to Station Management (SMT)
The Control Bus is an asynchronous interface between the PLAYER device and a general purpose microprocessor It provides
access to 32 8-bit internal registers
Refer to
Figure 22 Control Bus Timing Diagram for further information
Symbol
Pin No
IO
Description
CE
113
I
Chip Enable
An active-low TTL input signal which enables the Control Bus port for a
read or write cycle RW CBAk40l CBP and CBDk70l must be valid at the time CE
is low
RW
112
I
Read EWrite
A TTL input signal which indicates a read Control Bus cycle (RW e 1)
or a write Control Bus cycle (RW e 0) This signal must be valid when CE is low and
held valid until ACK becomes low
ACK
123
O
E
Acknowledge
An active low TTL open drain output signal which indicates the
completion of a read or write cycle
During a read cycle CBDk70l are valid as long as ACK is low (ACK e 0)
During a write cycle a microprocessor must hold CBDk70l valid until ACK becomes
low
Once ACK is low it will remain low as long as CE remains low (CE e 0)
INT
114
O
E
Interrupt
An active low open drain TTL output signal indicating that an interrupt
condition has occurred The Interrupt Condition Register (ICR) should be read in order to
determine the source of the interrupt Interrupts can be masked through the use of the
Interrupt Condition Mask Register (ICMR)
CBA4
128
I
Control Bus Address
TTL input signals used to select the address of the register to be
read or written
CBA3
127
CBA2
126
CBA4 is the most significant bit and CBA0 is the least significant bit of the address
signals
CBA1
125
CBA0
124
These signals must be valid when CE is low and held valid until ACK becomes low
CBPE
21
I
Control Bus Parity Enable
A TTL input signal which during write cycles will enable or
disable the Control Bus parity checker Note that the Control Bus will always generate
parity during read cycles regardless of the state of this signal
CBP
10
IO
Control Bus Parity
A bidirectional TTL signal representing odd parity for the Control
Bus data (CBDk70l)
During a read cycle the signal is held valid by the PLAYER device as long as ACK is low
During a write cycle the signal must be valid when CE is low and must be held valid until
ACK becomes low If incorrect parity is used during a write cycle the PLAYER device will
inhibit the write cycle and set the Control Bus Data Parity Error (CPE) bit in the Interrupt
Condition Register (ICR)
CBD7
9
IO
Control Bus Data
Bidirectional TTL signals containing the data to be read from or
written to a register
CBD6
8
CBD5
6
During a read cycle the signal is held valid by the PLAYER device as long as ACK is low
CBD4
5
During a write cycle the signal must be valid when CE is low and must be held valid until
CBD3
3
ACK becomes low
CBD2
2
CBD1
131
CBD0
130
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com