Electronic Components Datasheet Search
  English  ▼

X  

DP83255 Datasheet(PDF) 87 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83255
Description  PLAYER Device (FDDI Physical Layer Controller)
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83255 Datasheet(HTML) 87 Page - National Semiconductor (TI)

Back Button DP83255 Datasheet HTML 83Page - National Semiconductor (TI) DP83255 Datasheet HTML 84Page - National Semiconductor (TI) DP83255 Datasheet HTML 85Page - National Semiconductor (TI) DP83255 Datasheet HTML 86Page - National Semiconductor (TI) DP83255 Datasheet HTML 87Page - National Semiconductor (TI) DP83255 Datasheet HTML 88Page - National Semiconductor (TI) DP83255 Datasheet HTML 89Page - National Semiconductor (TI) DP83255 Datasheet HTML 90Page - National Semiconductor (TI) DP83255 Datasheet HTML 91Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 96 page
background image
80 Detailed Descriptions
This section describes in detail several functions that had
been discussed previously in Section 30 Functional De-
scriptions
81 FRAMING HOLD RULES
DETECTING JK
The JK symbol pair can be used to detect the beginning of a
frame during Active Line State (ALS) and Idle Line State
(ILS)
While the Line State Detector is in the Idle Line State the
PLAYER device ‘‘reframes’’ upon detecting a JK symbol
pair and enters the Active Line State
During Active Line State acceptance of a JK symbol (re-
framing) is allowed on any on-boundary JK which is detect-
ed at least 15 byte times after the previous JK
During Active Line State once reframed on a JK the subse-
quent off-boundary JK is ignored even if it is detected be-
yond 15 byte times after the previous JK
During Active Line State an Idle or Ending Delimiter (T)
symbol will allow reframing on any subsequent JK if a JK is
detected at least 15 bytes times after the previous JK
DETECTING HALT-HALT
HALT-QUIET
During Idle Line State the detection of a Halt-Halt or Halt-
Quiet symbol pair will still allow the reframing of any subse-
quent on-boundary JK
Once a JK is detected during Active Line State off-bounda-
ry Halt-Halt or Halt-Quiet symbol pairs are ignored until the
Elasticity Buffer (EB) has an opportunity to recenter They
are treated as violations
After recentering on a Halt-Halt or Halt-Quiet symbol pair
all off-boundary Halt-Halt or Halt-Quiet symbol pairs are ig-
nored until the EB has a chance to recenter during a line
state other than Active Line State (which may be as long as
28 byte times)
82 NOISE EVENTS
A Noise Event is defined as follows
A noise event is a noise byte a byte of data which is not in
line with the current line state indicating error or corruption
Noise Event e SD
 ECD a
SD
 CD  PI  E(II a JK a AB) a
SD
 CD  EPI  (PB e II)  AB
Where

e
Logical AND
ae
Logical OR
E
e
Logical NOT
SD e Signal Detect
CD e Clock Detect
PB e Previous Byte
PLS e Previous Line State
PI
e
PHY Invalid e HLS
a
QLS
a
MLS
a
NLS a
ULS

PLS e
(ALS a ILS)
ILS e Idle Line State
ALS e Active Line State
ULS e Unknown Line State
HLS e Halt Line State
QLS e Quiet Line State
MLS e Master Line State
NLS e Noise Line State
ULS e Unknown Line State
I
e
Idle symbol
J
e
First symbol of start delimiter
K
e
Second symbol of start delimiter
R
e
Reset symbol
S
e
Set symbol
T
e
End delimiter
A
e
n a R a S a T
B
e
n a R a S a T a I
n
e
Any data symbol
87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com