Electronic Components Datasheet Search
  English  ▼

X  

DP83255 Datasheet(PDF) 43 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83255
Description  PLAYER Device (FDDI Physical Layer Controller)
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83255 Datasheet(HTML) 43 Page - National Semiconductor (TI)

Back Button DP83255 Datasheet HTML 39Page - National Semiconductor (TI) DP83255 Datasheet HTML 40Page - National Semiconductor (TI) DP83255 Datasheet HTML 41Page - National Semiconductor (TI) DP83255 Datasheet HTML 42Page - National Semiconductor (TI) DP83255 Datasheet HTML 43Page - National Semiconductor (TI) DP83255 Datasheet HTML 44Page - National Semiconductor (TI) DP83255 Datasheet HTML 45Page - National Semiconductor (TI) DP83255 Datasheet HTML 46Page - National Semiconductor (TI) DP83255 Datasheet HTML 47Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 96 page
background image
50 Registers (Continued)
STATE PRESCALE THRESHOLD REGISTER (SPTR)
The State Prescale Threshold Register contains the start value for the State Prescale Counter The State Prescale Counter is a
down counter The Register is used in conjunction with the State Counter to count the Line State duration
The State Prescale Counter will decrement every 80 ns if the current Line State is Halt Line Idle Line State Master Line State
Quiet Line State or No Signal Detect As a result the State Prescale Counter takes SPTR x 80 ns to reach zero during a
continuous line state condition When the State Prescale Counter reaches zero the State Prescale Threshold Register will be
reloaded into the State Prescale Counter
The threshold values for the State Counter and State Prescale Counter are simultaneously loaded into both counters if one of
the following conditions is true
(1) Both the State Counter and State Prescale Counter reach zero and the current Line State is Halt Line State Idle Line State
Master Line State Quiet Line State or No Signal Detect
or
(2) A Line State change occurs and the new Line State is Halt Line State Idle Line State Master Line State Quiet Line State or
No Signal Detect
or
(3) The State Threshold Register or State Prescale Threshold Register goes through a Control Bus Interface write cycle
The State Counter and State Prescale Counter will reset by reloading the threshold values if a Line State change occurs and the
new Line State is Halt Line State Idle Line State Master Line State Quiet Line State or No Signal Detect
ACCESS RULES
ADDRESS
READ
WRITE
12h
Always
Always
D7
D6
D5
D4
D3
D2
D1
D0
SPT7
SPT6
SPT5
SPT4
SPT3
SPT2
SPT1
SPT0
Bit
Symbol
Description
D0
SPT0
STATE PRESCALE THRESHOLD BIT k0l
Least significant bit (LSB) of
the start value for the State Prescale Counter
D1–6
SPT1–6
STATE PRESCALE THRESHOLD BIT k1–6l
Intermediate bits of start
value for the State Prescale Counter
D7
SPT7
STATE PRESCALE THRESHOLD BIT k7l
Most significant bit (MSB) of
the start value for the State Prescale Counter
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com