Electronic Components Datasheet Search
  English  ▼

X  

DP83255 Datasheet(PDF) 74 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83255
Description  PLAYER Device (FDDI Physical Layer Controller)
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83255 Datasheet(HTML) 74 Page - National Semiconductor (TI)

Back Button DP83255 Datasheet HTML 70Page - National Semiconductor (TI) DP83255 Datasheet HTML 71Page - National Semiconductor (TI) DP83255 Datasheet HTML 72Page - National Semiconductor (TI) DP83255 Datasheet HTML 73Page - National Semiconductor (TI) DP83255 Datasheet HTML 74Page - National Semiconductor (TI) DP83255 Datasheet HTML 75Page - National Semiconductor (TI) DP83255 Datasheet HTML 76Page - National Semiconductor (TI) DP83255 Datasheet HTML 77Page - National Semiconductor (TI) DP83255 Datasheet HTML 78Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 96 page
background image
60 Pin Descriptions (Continued)
CLOCK INTERFACE
The Clock Interface consists of 125 MHz and 125 MHz clocks used by the PLAYER device The clocks are generated by either
the Clock Distribution Device or Clock Recovery Device
Symbol
Pin No
IO
Description
LBC
87
I
Local Byte Clock
A TTL 125 MHz 50% duty cycle input clock from the Clock
Distribution Device The Local Byte Clock is used by the PLAYER device’s internal
CMOS logic and to latch incomingoutgoing data of the Control Bus Interface Port A
Interface Port B Interface and other miscellaneous IOs
RXCa
60
I
Receive Bit Clock
Differential 100k ECL 125 MHz clock input signals from the Clock
Recovery Device The Receive Bit Clock is used by the Serial Interface to latch the
RXCb
61
Receive Data (RXDg)
TXCa
72
I
Transmit Bit Clock
Differential 100k ECL 125 MHz clock input signals from the Clock
Distribution Device The Transmit Bit Clock is used by the Serial Interface to latch the
TXCb
73
Transmit Data (TXDg)
TBCa
75
I
Transmit Byte Clock
Differental 100k ECL 125 MHz clock input signals from the
Clock Distribution Device The Transmit Byte Clock is used by the PLAYER device’s
TBCb
76
internal Shift Register Block
74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com